Electronic Components Datasheet Search
  English  ▼

X  

NJM2188 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2188
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2188 Datasheet HTML 1Page - New Japan Radio NJM2188 Datasheet HTML 2Page - New Japan Radio NJM2188 Datasheet HTML 3Page - New Japan Radio NJM2188 Datasheet HTML 4Page - New Japan Radio NJM2188 Datasheet HTML 5Page - New Japan Radio NJM2188 Datasheet HTML 6Page - New Japan Radio NJM2188 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJM2188
- 5 -
s
s
s
sMODESELECT SWITCH
MODE
MODE1
MODE2
NOTE
BYPASS
L
L
INPUT THROUGH MODE
TRU
L
H
Passive Matrix TruSurround
SRS 3D-1
H
L
SRS 3D STEREO MODE
Space 100%
Center 90%
SRS 3D-2
H
H
SRS 3D STEREO MODE
Space 90%
Center 70%
s
s
s
sAPPLICATION CIRCUIT
PARTS NO.
VALUE
Tolerance
PARTS NO.
VALUE
Tolerance
C1,C6
0.01µF
±5%
R12
56k
±5%
C2,C4
0.22µF
±5%
R13
33k
±5%
C3,C5,C7
0.0047µF
±5%
R14
1.5k
±5%
C8,C9,C10,C11
10µF
R15
75k
±5%
C14,C15
10µF
R16,R17
10k
±5%
C12,C13
100µF
R9
1.8k
±5%
R10
2M
±5%
R11
51k
±5%
NJM2188
C11
10uF/50V
C10
10uF/50V
C1
0.01uF
VREF
C6
0.01uF
VREF
C2
0.22uF
GND
R16
10K
R17
10K
C3
0.0047uF
C4
0.22uF
GND
C15 10uF/50V
GND
V+
12V
C14
10uF/50V
GND
C5
0.0047uF
R11
51K
GND
C13
100uF/25V
GND
R13
33K
R15
75K
R10
2M
R14
1.5K
C7
0.0047uF
R9
1.8K
R12
56K
VREF
C12
100uF
/25V
GND
C9
10uF/50V
C8
10uF/50V
Lch out
Rch out
Lch in
Rch in
H
H
L
L
VREF
VREF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com