Electronic Components Datasheet Search
  English  ▼

X  

NJM2188 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2188
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2188 Datasheet HTML 1Page - New Japan Radio NJM2188 Datasheet HTML 2Page - New Japan Radio NJM2188 Datasheet HTML 3Page - New Japan Radio NJM2188 Datasheet HTML 4Page - New Japan Radio NJM2188 Datasheet HTML 5Page - New Japan Radio NJM2188 Datasheet HTML 6Page - New Japan Radio NJM2188 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJM2188
- 6 -
s
s
s
sTYPICAL CHARACTERISTICS
-30
+5
-25
-20
-15
-10
+0
20
20k
50
100
200
500
1k
2k
5k
10k
FREQUENCY RESPONSE
BYPASS MODE
a, b
Vout
(dBV)
f(Hz)
a: Vin = 0dBV
Lch
⇒ Vout = Lch
b: Vin = 0dBV
Rch
⇒ Vout = Rch
V
+=12V, 0dB V = 1Vrms
-30
+10
-25
-20
-15
-10
-5
+0
+5
20
20k
50
100
200
500
1k
2k
5k
10k
a, c
b, d
FREQUENCY RESPONSE
TRU(Lt/Rt) MODE
a: Vin = 0dBV
Lch
⇒ Vout = Lch
b: Vin = 0dBV
Lch
⇒ Vout = Rch
c: Vin = 0dBV
Rch
⇒ Vout = Rch
d: Vin = 0dBV
Rch
⇒ Vout = Lch
V
+=12V, 0dBV = 1Vrms
Vout
(dBV)
f(Hz)
-30
+10
-25
-20
-15
-10
-5
+0
+5
20
20k
50
100
200
500
1k
2k
5k
10k
b, d
a, c
FREQUENCY RESPONSE
SRS 3D-1 MODE
a: Vin = 0dBV
Lch
⇒ Vout = Lch
b: Vin = 0dBV
Lch
⇒ Vout = Rch
c: Vin = 0dBV
Rch
⇒ Vout = Rch
d: Vin = 0dBV
Rch
⇒ Vout = Lch
V
+=12V, 0dBV = 1Vrms
Vout
(dBV)
f(Hz)
-30
+10
-25
-20
-15
-10
-5
+0
+5
20
20k
50
100
200
500
1k
2k
5k
10k
FREQUENCY RESPONSE
SRS 3D-2 MODE
Vout
(dBV)
f(Hz)
a: Vin = 0dBV
Lch
⇒ Vout = Lch
b: Vin = 0dBV
Lch
⇒ Vout = Rch
c: Vin = 0dBV
Rch
⇒ Vout = Rch
d: Vin = 0dBV
Rch
⇒ Vout = Lch
V
+=12V, 0dBV = 1Vrms
b, d
a, c



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com