Electronic Components Datasheet Search
  English  ▼

X  

NJM2188 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2188
Description  Passive Matrix TruSurround 3D Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2188 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2188 Datasheet HTML 1Page - New Japan Radio NJM2188 Datasheet HTML 2Page - New Japan Radio NJM2188 Datasheet HTML 3Page - New Japan Radio NJM2188 Datasheet HTML 4Page - New Japan Radio NJM2188 Datasheet HTML 5Page - New Japan Radio NJM2188 Datasheet HTML 6Page - New Japan Radio NJM2188 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2188
- 7 -
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
TRU MODE
0.0001
5
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
BYPASS MODE
a, b
INPUT LEVEL(dBV)
INPUT LEVEL(dBV)
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
-30
+15
-25
-20
-15
-10
-5
+0
+5
+10
INPUT LEVEL(dBV)
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
THD(
%)
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
SRS 3D-1 MODE
INPUT LEVEL(dBV)
a: Vin = 1kHz
Lch
⇒ Vout = Lch
b: Vin = 1kHz
Lch
⇒ Vout = Rch
V
+=12V
THD(%)
TOTAL HARMONIC DISTORTION vs. INPUT VOLTAGE
SRS 3D-2 MODE
a
b
a
b
a
b
THD(%)
THD(%)
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com