Electronic Components Datasheet Search
  English  ▼

X  

MAX2267E/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2267E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2267E/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2267E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 9Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 10Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 11Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 12Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 13Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 14Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 15Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
+2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
______________________________________________________________________________________
13
ence, so the current out of this pin is inversely propor-
tional to the value of the resistor between this pin and
ground. Similarly, the bias current of the first stage in
high-power mode is proportional to the current flowing
out of BIAS1H. The current in the second stage is pro-
portional to the currents out of BIAS2L and BIAS2H for
low- and high-power modes, respectively.
Additionally, these resistors allow for customization of
gain and alternate- and adjacent-channel power ratios.
Increasing the bias current in the first stage increases the
gain and improves alternate-channel power ratio at the
expense of efficiency. Increasing the bias current in the
second stage increases gain at the expense of efficiency
as well as adjacent- and alternate-channel power ratios.
The PA bias current can be dynamically adjusted by
summing a current into the bias pin of interest with an
external source such as a DAC. See the MAX2268
Typical Application Circuit for using a voltage DAC and
current setting resistors RTB1 and RTB2. Choosing
RTB1 = R1 and RTB2 = R2 allows current adjustment
between 0mA to double the nominal idle current with
DAC voltages between 0V and 2.4V. The DAC must be
able to source approximately 100µA.
Shutdown Mode
Pull pins 2 and 6 low to place the MAX2267/MAX2268/
MAX2269 into shutdown mode. In this mode, all gain
stages are disabled and supply current drops to 0.5µA.
Applications Information
Increasing Efficiency
The MAX2269 incorporates an additional external
switch to increase efficiency to 17% at +17dBm and to
29% at +27dBm. This increase in efficiency is mainly
due to the additional isolation between the high- and
low-power outputs provided by the external switch.
External Components
The MAX2267/MAX2268/MAX2269 require matching
circuits at their inputs and outputs for operation in a
50
Ω system. The simplified application circuits in
Figures 1, 2, and 3 describe the topology of the circuit-
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RFIN
L1
PWR
VCC
VCC
VCC
VCC
SHDN
L3
C3
C4
L4
RH1
RL2
C1
C12
C11
L2
C2
RH2
C13
C8
C7
RFOUT
C9
C5
RL1
C6
L6
L5
OPTIONAL NOISE-REDUCTION CIRCUIT
VCC
MAX2267
Figure 1. MAX2267 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com