Electronic Components Datasheet Search
  English  ▼

X  

MAX2267E/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2267E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2267E/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2267E/D Datasheet HTML 1Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 2Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 3Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS—MAX2268
(MAX2268 EV kit, VCC = V SHDN = +3.5V, fIN = 906MHz, CDMA modulation, matching networks tuned for 887MHz to 925MHz opera-
tion, 50
Ω system, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Adjacent-Channel Power Ratio
Limit (Notes 1, 2)
ACPR
-44
-48
dBc
Alternate-Channel Power Ratio
Limit (Notes 1, 2)
ACPR
-56
-57.5
dBc
Power-Mode Switching Time
550
ns
Turn-On Time (Notes 1, 4)
15
µs
Maximum Input VSWR
VSWR
2.3:1
Nonharmonic Spurious due
to Load Mismatch (Notes 1, 5)
-60
dBc
Noise Power (Note 6)
-137
-134
Harmonic Suppression
32
dBc
CONDITIONS
(Note 4)
VCC = 2.8V to 4.5V, offset = 885kHz,
30kHz BW, fIN = 887MHz to 925MHz
VCC = 2.8V to 4.5V, offset = 1980kHz,
30kHz BW, fIN = 887MHz to 925MHz
PWR = VCC or GND
fIN = 887MHz to 925MHz, PWR = GND or VCC
PIN = +6dBm
Measured at 851MHz
PWR = GND, measured at 851MHz
(Note 7)
dBm/Hz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
24.5
25.5
Output Power (Note 1)
POUT
27
dBm
Gain Variation vs. Temperature
(Note 1)
±0.7
dB
Adjacent-Channel Power Ratio
(Notes 1, 2)
ACPR
-44
-48
dBc
Alternate-Channel Power Ratio
(Notes 1, 2)
ACPR
-56
-57.5
dBc
Frequency Range (Notes 1, 2)
fIN
887
925
MHz
24
CONDITIONS
ACPR specification
met with
fIN = 887MHz to
925MHz
TA = TMIN to TMAX, relative to TA = +25°C
VCC = 2.8V to 4.5V, offset = 885kHz,
30kHz BW, fIN = 887MHz to 925MHz
VCC = 2.8V to 4.5V, offset = 1980kHz,
30kHz BW, fIN = 887MHz to 925MHz
TA = TMIN to TMAX
Power Gain (Note 1)
GP
25.5
27
dB
TA = +25°C
AC ELECTRICAL CHARACTERISTICS—MAX2267 (continued)
(MAX2267 EV kit, VCC = VPWR = V SHDN = +3.5V, fIN = 906MHz, CDMA modulation, SHDN = VCC, matching networks tuned for
887MHz to 925MHz operation, 50
Ω system, TA = +25°C, unless otherwise noted.)
28
PWR = VCC, POUT = +27dBm
Power-Added Efficiency
(Note 3)
PAE
12
%
PWR = GND, POUT = 17.5dBm
VCC = 3.5V
VCC = 2.8V
Power-Added Efficiency
(Note 3)
PAE
35
%
PIN adjusted to give POUT = 27dBm
Turn-On Time (Notes 1, 4)
15
µs
Maximum Input VSWR
VSWR
1.5:1
fIN = 887MHz to 925MHz
PIN adjusted for POUT = 13.6dBm
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com