Electronic Components Datasheet Search
  English  ▼

X  

MAX2267E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2267E/D
Description  2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2267E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2267E/D Datasheet HTML 1Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 2Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 3Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 4Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 5Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 6Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 7Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 8Page - Maxim Integrated Products MAX2267E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+2.7V, Single-Supply, Cellular-Band
Linear Power Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +4.5V no input signal applied, V SHDN = 2.0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC
= +3.5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND (no RF input) ........................................-0.3V to +5V
Logic Inputs to GND...................................-0.3V to (VCC + 0.3V)
BIAS_ _ to GND ..........................................-0.3V to (VCC + 0.3V)
RF Input Power ...................................................+6dBm (20mW)
Logic Input Current...........................................................±10mA
Output VSWR with +6dBm Input ..........................................2.5:1
Total DC Power Dissipation (TPADDLE = +100°C)
16-Pin TSSOP-EP (derate 60mW/°C
above TPADDLE = +100°C)..............................................4W
θJA .................................................................................8°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
AC ELECTRICAL CHARACTERISTICS—MAX2267
(MAX2267 EV kit, VCC = VPWR = V SHDN = +3.5V, fIN = 906MHz, CDMA modulation, SHDN = VCC, matching networks tuned for
887MHz to 925MHz operation, 50
Ω system, TA = +25°C, unless otherwise noted.)
MAX2267/MAX2269
MAX2268
SHDN = PWR = GND
Logic = VCC
Logic = GND
CONDITIONS
34
100
ICC
V
2.7
4.5
VCC
Operating Voltage Range
Idle Current
V
0.8
Logic Threshold Low
V
2.0
Logic Threshold High
90
µA
0.5
10
ICC
Shutdown Supply Current
µA
-1
5
Logic Input Current High
µA
-1
1
Logic Input Current Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PWR = VCC
PWR = GND
14
15.5
PWR = GND,
VCC = 2.8V
PWR = GND
PWR = VCC = 2.8V
PWR = VCC
dB
24.5
26
GP
Power Gain (Note 1)
PWR = VCC or GND
ACPR specification
met with
fIN = 887MHz to
925MHz
ACPR specification
met with
fIN = 887MHz to
925MHz
CONDITIONS
MHz
887
925
fIN
Frequency Range (Notes 1, 2)
dBm
27
POUT
Output Power
(High-Power Mode) (Note 1)
24.5
25.5
dBm
16
17.5
POUT
Output Power
(Low-Power Mode) (Note 1)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mA
TA = +25°C
TA = TMIN to TMAX, relative to TA = +25°C
dB
±0.8
Gain Variation vs. Temperature
(Note 1)
20.5
23
23
PWR = GND
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com