Electronic Components Datasheet Search
  English  ▼

X  

MAX2452 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2452
Description  3V, Ultra-Low-Power Quadrature Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2452 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2452 Datasheet HTML 1Page - Maxim Integrated Products MAX2452 Datasheet HTML 2Page - Maxim Integrated Products MAX2452 Datasheet HTML 3Page - Maxim Integrated Products MAX2452 Datasheet HTML 4Page - Maxim Integrated Products MAX2452 Datasheet HTML 5Page - Maxim Integrated Products MAX2452 Datasheet HTML 6Page - Maxim Integrated Products MAX2452 Datasheet HTML 7Page - Maxim Integrated Products MAX2452 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The monolithic MAX2452 is a quadrature modulator
with supporting oscillator and divide-by-8 prescaler. It
operates from a single +3V supply and draws only
4.1mA. The modulator accepts differential I and Q
baseband signals with amplitudes up to 1.35Vp-p and
bandwidths up to 15MHz. It produces a differential out-
put up to 80MHz.
Pulling the CMOS-compatible ENABLE pin low reduces
the supply current to 2µA. To minimize spurious feed-
back, the MAX2452’s internal oscillator is set at twice
the IF via external tuning components. The oscillator
and associated phase shifters produce differential sig-
nals exhibiting low amplitude and phase imbalance,
yielding 42dB sideband rejection. The MAX2452 comes
in a 16-pin narrow SO package.
________________________Applications
Digital Cordless Phones
GSM and North American Cellular Phones
Wireless LANs
Digital Communications
Two-Way Pagers
____________________________Features
o IF Output Frequency up to 80MHz
o Input Bandwidth up to 15MHz
o On-Chip Oscillator with External Tuning Circuit
o On-Chip Divide-by-8 Prescaler
o Integrated Quadrature Phase Shifters
o Self-Biased Differential Baseband Inputs
o CMOS-Compatible Enable
o 4.1mA Operating Supply Current
2µA Shutdown Supply Current
3V, Ultra-Low-Power
Quadrature Modulator
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IF
GND
VCC
N.C.
PRE_OUT
LO_VCC
LO_GND
TANK
IF
GND
I
I
Q
Q
ENABLE
TANK
TOP VIEW
MAX2452
SO
MAX2452
MODULATOR
LOCAL
OSCILLATOR
÷2
÷2
÷4
QUADRATURE
PHASE
GENERATOR
90°
0°
Σ
LO_VCC
TANK
TANK
LO_GND
I
I
Q
Q
VCC
PRE_OUT
IF
IF
BANDGAP
BIAS
GND
ENABLE
PRESCALER
11
8
9
10
3
4
5
6
14
12
16
1
7
2, 15
MASTER BIAS
__________________Pin Configuration
________________Functional Diagram
Call toll free 1-800-998-8800 for free samples or literature.
PART
MAX2452ISE*
-20°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 Narrow SO
EVALUATION
KIT
AVAILABLE
______________Ordering Information
19-0425; Rev 1; 9/95
* An alternate marking, MAX2452CSE, has been identically tested.


Similar Part No. - MAX2452

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX245 MAXIM-MAX245 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX245 MAXIM-MAX245 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX245 MAXIM-MAX245 Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
MAX2450CEP MAXIM-MAX2450CEP Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
More results

Similar Description - MAX2452

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Maxim Integrated Produc...
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
MAX2451 MAXIM-MAX2451 Datasheet
58Kb / 6P
3V, Ultra-Low-Power Quadrature Demodulator
19-0493; Rev 0; 12/95
logo
RF Micro Devices
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
logo
Linear Technology
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
700MHz to 6GHz Low Power Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com