Electronic Components Datasheet Search
  English  ▼

X  

MAX2452 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2452
Description  3V, Ultra-Low-Power Quadrature Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2452 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2452 Datasheet HTML 1Page - Maxim Integrated Products MAX2452 Datasheet HTML 2Page - Maxim Integrated Products MAX2452 Datasheet HTML 3Page - Maxim Integrated Products MAX2452 Datasheet HTML 4Page - Maxim Integrated Products MAX2452 Datasheet HTML 5Page - Maxim Integrated Products MAX2452 Datasheet HTML 6Page - Maxim Integrated Products MAX2452 Datasheet HTML 7Page - Maxim Integrated Products MAX2452 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3V, Ultra-Low-Power
Quadrature Modulator
4
_______________________________________________________________________________________
-60
69.0
70.6
71.0
MODULATOR OUTPUT SPECTRUM
-50
0
(MHz)
69.4
70.0
-20
-10
-30
-40
VII = 1.2Vp-p
VQQ = 1.2Vp-p
____________________________Typical Operating Characteristics (continued)
(VCC = LO_VCC = 3.0V, fOSC = 140MHz, ENABLE = 2.6V, fII = fQQ = 600kHz, RL (IF, IF) = 200kΩ differential, CL (IF, IF) < 5pF
differential, TA = +25°C, unless otherwise noted.)
NAME
FUNCTION
1
IF
IF Inverting Output
2, 15
GND
Ground
PIN
3
I
Inphase Input
4
I
Inphase Inverting Input
8
TANK
Local-Oscillator Resonant Tank
Input
7
ENABLE
Enable Control, active high
6
Q
Quadrature Inverting Input
5
Q
Quadrature Input
13
N.C.
No Connect, no internal connection
to this pin
12
PRE_OUT
Local-Oscillator Divide-by-8
Prescaled Output
11
LO_VCC
Local-Oscillator Supply
10
LO_GND
Local-Oscillator Ground
9
TANK
Local-Oscillator Resonant Tank
Inverting Input
_____________________Pin Description
16
IF
IF Output
14
VCC
Modulator Supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com