Electronic Components Datasheet Search
  English  ▼

X  

MAX2452 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2452
Description  3V, Ultra-Low-Power Quadrature Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2452 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2452 Datasheet HTML 1Page - Maxim Integrated Products MAX2452 Datasheet HTML 2Page - Maxim Integrated Products MAX2452 Datasheet HTML 3Page - Maxim Integrated Products MAX2452 Datasheet HTML 4Page - Maxim Integrated Products MAX2452 Datasheet HTML 5Page - Maxim Integrated Products MAX2452 Datasheet HTML 6Page - Maxim Integrated Products MAX2452 Datasheet HTML 7Page - Maxim Integrated Products MAX2452 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3V, Ultra-Low-Power
Quadrature Modulator
6
_______________________________________________________________________________________
Applications Information
The MAX2452 quadrature modulator is designed to
upconvert I and Q baseband signals to IF frequencies
up to 80MHz. Figure 2 shows a typical application
block diagram, in which the MAX2452 is used for the
first upconversion in a dual-conversion transmitter.
Figure 3 shows an implementation of a resonant tank
circuit. The inductor, two capacitors, and a dual varac-
tor form the resonant circuit of the oscillator. The fre-
quency range of the oscillator shown in Figure 3 is
130MHz to 160MHz. The inductor is directly connected
across the local oscillator’s tank ports so that it will not
lock up the oscillator in a stable state during start-up.
The two 33pF capacitors increase the Q of the resonant
circuit and reduce the VCO gain. They can be changed
to meet individual applications requirements. The oscil-
lation frequency can be determined using the following
formula:
CSTRAY, LSTRAY: parasitic capacitance and induc-
tance.
To alter the oscillation frequency range, change the
inductance, the capacitance, or both. Make sure the Q
of the resonant tank does not drop below 35.
where REQ = 10k
Ω (see Figure 1).
The oscillation frequency can be changed by altering
the control voltage, VCTRL.
MAX2452
DSP
PROCESSING
0°
I
Q
÷8
90°
UP CONVERTER
Σ
Figure 2. Typical Application Block Diagram
C1 = 33pF
10k
0.1
µF
1/2KV1410
1/2KV1410
L = 100nH
47k
47k
C2 = 33pF
TANK
TANK
VCTRL
Figure 3. Typical Resonant Tank Circuit
f
LC
where
C
CC
C
C
and
LL
L
o
EQ
EQ
EQ
VAR
STRAY
EQ
STRAY
=
=
++
+
=+
1
2
1
1
1
1
2
2
π
QR
C
L
EQ
EQ
EQ
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com