Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3476
Description  Compensation Loop not Required
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3476 Datasheet HTML 4Page - International Rectifier IR3476 Datasheet HTML 5Page - International Rectifier IR3476 Datasheet HTML 6Page - International Rectifier IR3476 Datasheet HTML 7Page - International Rectifier IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier IR3476 Datasheet HTML 10Page - International Rectifier IR3476 Datasheet HTML 11Page - International Rectifier IR3476 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
8
IR3476 
12A Highly Integrated SupIRBuck
TM 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Fault Protection 
ISET Pin Output Current   
On the basis of 25°C 
17 
19 
21 
µA 
ISET Pin Output Current  
Temperature Coefficient 
  
On the basis of 25°C, Note 1   
4400   
ppm/ 
°C 
Under Voltage Threshold   
Falling VFB & Monitor 
PGOOD 
0.37 
0.4 
0.43 
V 
Under Voltage Hysteresis   
Rising VFB, Note 1   
7.5   
mV 
Over Voltage Threshold   
Rising VFB & Monitor PGOOD 
0.586 
0.625 
0.655 
V 
Over Voltage Hysteresis   
Falling VFB, Note 1   
7.5   
mV 
VCC Turn‐on Threshold   
 ‐40°C to 125°C 
3.9 
4.2 
4.5  
V 
VCC Turn‐off Threshold   
  
3.6 
3.9 
4.2 
V 
VCC Threshold Hysteresis   
  
  
300   
mV 
EN Rising Threshold  
 ‐40°C to 125°C 
1.1 
1.25 
1.45 
V 
EN Hysteresis  
  
 
400  
mV 
EN Input Current  
EN = 3.3V  
 
15 
µA 
PGOOD Pull Down Resistance  
 
 
25 
50 Ω 
PGOOD Delay Threshold 
VSS  
 
1  
V 
Thermal Shutdown Threshold  
Note 1 
125 
140  
°C 
Thermal Shutdown Threshold 
Hysteresis 
 
Note 1  
20  
°C 
Note:  
1.
Guaranteed by design but not tested in production 
2.
Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2). 
Products with prior date code of 1227 are qualified with MSL3 for Consumer Market. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com