Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3476
Description  Compensation Loop not Required
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3476 Datasheet HTML 7Page - International Rectifier IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier IR3476 Datasheet HTML 10Page - International Rectifier IR3476 Datasheet HTML 11Page - International Rectifier IR3476 Datasheet HTML 12Page - International Rectifier IR3476 Datasheet HTML 13Page - International Rectifier IR3476 Datasheet HTML 14Page - International Rectifier IR3476 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
11
IR3476 
12A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA  
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow, unless 
otherwise specified. 
 
Figure 17: Load Transient 0‐8A 
 
Figure 19: DCM/FCCM Transition 
 
Figure 21: Thermal Image at VIN = 12V, IOUT = 12A  
(IR3476: 98
oC, Inductor: 58oC, PCB: 47oC)
 
Figure 18: Load Transient 4‐12A 
 
Figure 20: FCCM/DCM Transition 
 
Figure 22: Thermal Image at VIN = 19V, IOUT = 12A  
(IR3476: 104
oC, Inductor: 61oC, PCB: 50oC) 
VOUT
PHASE
iL
50mV/div 10V/div 5A/div
20µs/div
VOUT
PHASE
iL
FCCM
PHASE
VOUT
iL
FCCM
PHASE
VOUT
iL
50mV/div 10V/div 5A/div
20µs/div
5V/div 10V/div 500mV/div 5A/div
10µs/div
2V/div 10V/div 500mV/div 5A/div
5µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com