Electronic Components Datasheet Search
  English  ▼

X  

IR3476 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3476
Description  Compensation Loop not Required
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3476 Datasheet HTML 8Page - International Rectifier IR3476 Datasheet HTML 9Page - International Rectifier IR3476 Datasheet HTML 10Page - International Rectifier IR3476 Datasheet HTML 11Page - International Rectifier IR3476 Datasheet HTML 12Page - International Rectifier IR3476 Datasheet HTML 13Page - International Rectifier IR3476 Datasheet HTML 14Page - International Rectifier IR3476 Datasheet HTML 15Page - International Rectifier IR3476 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
12
IR3476 
12A Highly Integrated SupIRBuck
TM 
THEORY OF OPERATION 
 
PWM COMPARATOR 
The PWM comparator initiates a SET signal (PWM pulse) 
when the FB pin falls below the reference (VREF) or the 
soft start (SS) voltage.  
ON‐TIME GENERATOR 
The PWM on‐time duration is programmed with an 
external resistor (RFF) from the input supply (VIN) to the FF 
pin. The simplified equation for RFF is shown in equation 1.  
The FF pin is held to an internal reference after EN goes 
HIGH. A copy of the current in RFF charges a timing 
capacitor, which sets the on‐time duration, as shown in 
equation 2. 
 
 
 
CONTROL LOGIC 
The control logic monitors input power sources, sequences 
the converter through the soft‐start and protective modes, 
and initiates an internal RUN signal when all conditions are 
met.  
VCC and 3VCBP pins are continuously monitored, and the 
IR3476 will be disabled if the voltage of either pin drops 
below the falling thresholds. EN_DELAY will become HIGH 
when VCC and 3VCBP are in the normal operating range 
and the EN pin = HIGH.  
SOFT START 
With EN = HIGH, an internal 10µA current source charges 
the external capacitor (CSS) on the SS pin to set the output 
voltage slew rate during the soft start interval. The soft 
start time (tSS) can be calculated from equation 3. 
 
 
The feedback voltage tracks the SS pin until SS reaches the 
0.5V reference voltage (Vref), then feedback is regulated 
to Vref. CSS will continue to be charged, and when SS pin 
reaches VSS (see Electrical Specification), SS_DELAY goes 
HIGH. With EN_DELAY = LOW, the capacitor voltage and SS 
pin is held to the FB pin voltage. A normal startup 
sequence is shown in Figure 23. 
PGOOD 
The PGOOD pin is open drain and it needs to be externally 
pulled high. High state indicates that output is in 
regulation. The PGOOD logic monitors EN_DELAY, 
SS_DELAY, and under/over voltage fault signals. PGOOD is 
released only when EN_DELAY and SS_DELAY = HIGH and 
output voltage is within the OV and UV thresholds. 
PRE‐BIAS STARTUP 
IR3476 is able to start up into pre‐charged output, which 
prevents oscillation and disturbances of the output 
voltage. 
With constant on‐time control, the output voltage is 
compared with the soft start voltage (SS) or Vref, 
depending on which one is lower, and will not start 
switching unless the output voltage drops below the 
reference. This scheme prevents discharge of a pre‐biased 
output voltage. 
SHUTDOWN 
The IR3476 will shutdown if VCC is below its UVLO limit. 
The IR3476 can be shutdown by pulling the EN pin below 
its lower threshold. Alternatively, the output can be 
shutdown by pulling the soft start pin below 0.3V.  
 
 
Figure 23: Normal Startup 
(1)
F
20
1
V
R
SW
OUT
FF
⋅
⋅
=
pF
V
(2)
V
20
1
R
T
IN
FF
ON
pF
V
⋅
⋅
=
(3)
A
10
5
.
0
μ
V
C
t
SS
SS
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com