Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 29 Page - International Rectifier

Part # IR3531A
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3531A_15 Datasheet HTML 25Page - International Rectifier IR3531A_15 Datasheet HTML 26Page - International Rectifier IR3531A_15 Datasheet HTML 27Page - International Rectifier IR3531A_15 Datasheet HTML 28Page - International Rectifier IR3531A_15 Datasheet HTML 29Page - International Rectifier IR3531A_15 Datasheet HTML 30Page - International Rectifier IR3531A_15 Datasheet HTML 31Page - International Rectifier IR3531A_15 Datasheet HTML 32Page - International Rectifier IR3531A_15 Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
29
OVER-CURRENT CONTROL
Over current protection (OCP) is a latched event that
requires VCC UVLO or ENABLE cycling to clear. OCP is
performed internally by comparing the VDRP pin voltage
against an OC offset voltage that is added to the respective
VDAC pin voltage. This OC offset voltage is adjusted to
match the active number of phases since VDRP represents
average per-phase current. This ensures that the current
limit is correctly adjusted during phase shedding operation.
An over current condition is registered if the VDRP pin
voltage, which is proportional to the average current plus
VDAC voltage, exceeds the VDAC+ OC offset voltage.
Figure 14 shows the over-current control with delay during
various soft start events. A fixed 256μs OC delay is needed
to protect against nuisance over-current conditions which
can occur as part of normal operation or due to inrush
currents.
ENABLE or VCC UVLO cycling clears the OCP fault latch.
It is recommended to allow sufficient thermal relaxation
time prior to repeat re-enabling to ensure the converter
does not thermally run away. Approximately 4ms thermal
relaxation is recommended for most designs. If ENABLE
is cycled during this relaxation period, the converter will
wait until the internal VDAC has returned to 0V prior to
attempting another power up. The internal VDAC slews at
5mV/µsec and therefore the rise and fall slew durations
are 300µsec for a BOOT of 1.5V. The VDAC pin slews down
to 250mV and does not slew to 0V. This is done to ensure
the current reporting system has enough headroom to
properly operate.
If an over-current occurs during soft start, the control IC
will not disable the voltage regulator until the over current
delay time has elapsed. If the over-current condition
persists after delay time is reached, the fault latch will be
set pulling the error amplifier’s output low and inhibiting
switching in the driver ICs.
IOUT
OCP Threshold
VOUT
Internal VDAC
TRACK
256us OC Delay
ENABLE Cycle does not have an effect on VOUT until
VDAC has reset to 0V. User must ensure proper
thermal relaxation has occurred prior to re-enabling.
ENABLE
ENABLE Cycle after a
recommended 4ms
relaxation timeout
VRRDY momentarily goes high once
VDAC reaches BOOT and then faults
once TRACK-VOUT exceeds 200mV.
VRRDY
VRRDY remains low because TRACK-
VOUT exceeds 200mV prior to VDAC
reaching BOOT.
VRRDY momentarily goes high once
VDAC reaches BOOT and then faults
once TRACK-VOUT exceeds 200mV.
VDAC controls VOUT power up
when TRACK remains high
Recommend ~4ms
Relaxation Delay
VDAC Pin
Figure 14: Over Current Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com