Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 35 Page - International Rectifier

Part # IR3531A
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 35 Page - International Rectifier

Back Button IR3531A_15 Datasheet HTML 31Page - International Rectifier IR3531A_15 Datasheet HTML 32Page - International Rectifier IR3531A_15 Datasheet HTML 33Page - International Rectifier IR3531A_15 Datasheet HTML 34Page - International Rectifier IR3531A_15 Datasheet HTML 35Page - International Rectifier IR3531A_15 Datasheet HTML 36Page - International Rectifier IR3531A_15 Datasheet HTML 37Page - International Rectifier IR3531A_15 Datasheet HTML 38Page - International Rectifier IR3531A_15 Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
35
METAL AND COMPONENT PLACEMENT
 Lead land width should be equal to nominal part
lead width. The minimum lead to lead spacing
should be ≥ 0.2mm to minimize prevent shorting.
 Lead land length should be equal to maximum
part lead length + 0.3 mm outboard extension +
0.05mm inboard extension. The outboard
extension ensures a large and inspectable toe fillet,
and the inboard extension will accommodate any
part misalignment and ensure a fillet.
 Center pad land length and width should be
equal to maximum part pad length and width.
However, the minimum metal to metal spacing
should be ≥ 0.17mm for 2 oz. Copper (≥ 0.1mm for
1 oz. Copper and ≥ 0.23mm for 3 oz. Copper)
 A single 0.30mm diameter via shall be placed in the
center of the pad land and connected to ground to
minimize the noise effect on the IC.
 No PCB traces should routed nor Vias placed under
any of the 4 corners of the IC package. Doing so
can cause the IC to rise up from the PCB resulting
in poor solder joints to the IC leads.
Figure 19: Metal and Component Placement
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com