Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 34 Page - International Rectifier

Part # IR3531A
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3531A_15 Datasheet HTML 30Page - International Rectifier IR3531A_15 Datasheet HTML 31Page - International Rectifier IR3531A_15 Datasheet HTML 32Page - International Rectifier IR3531A_15 Datasheet HTML 33Page - International Rectifier IR3531A_15 Datasheet HTML 34Page - International Rectifier IR3531A_15 Datasheet HTML 35Page - International Rectifier IR3531A_15 Datasheet HTML 36Page - International Rectifier IR3531A_15 Datasheet HTML 37Page - International Rectifier IR3531A_15 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
34
RAIL1 THERMAL COMPENSATION
RSCALE1, RSCALE2, RSCALE3 and RTHERM3 are used to
provide current reporting thermal compensation for Rail1.
The purpose is to keep VDRP1-VDAC1 equal to 900mV for
all temperatures at the maximum load current. This is
expressed mathematically in the following equation.
where DCR and RTHERM3 are expressed in section Rail0
Thermal Compensation. Imax is the maximum current for
Rail1 and Gcs is the typical current sense amplifier gain of
32.5. The temperature sensing components are chosen by
finding an approximate solution that results in VDRP1-
VDAC1=900mV over the entire temperature operating
range. This can be done using an optimization routine of
your choice such as the IR3531A excel design tool.
RAIL 1 DROOP RESISTOR CALCULATION
RDRP1 in combination with the feedback resistor RFB1
sets the load line of Rail1. RFB1 is first chosen with a
typical suggested value of 2kOhm. The equation below
calculates RDRP1.


3
3
1
3
*
)
3
1
2
3
3
1
3
*
)
3
1
(
*
*
*
1
*
9
1
RSCALE
RTHERM
RSCALE
RSCALE
RTHERM
RSCALE
RSCALE
RSCALE
RTHERM
RSCALE
RSCALE
RTHERM
RSCALE
Ro
Gcs
DCR
RFB
RDRP
ROOM
ROOM
ROOM
ROOM
ROOM
where Ro is the load line, DCRROOM is the inductor series
resistance at room temperature, Gcs is the typical current
sense amplifier gain of 32.5, RTHERM3ROOM value at room
temperature.
COMPENSATION NETWORKS
IR3531A utilizes voltage mode control for small signal loop
regulation. The compensation scheme is a classic type 3
system consisting of components RFB(1), CFB(1), RCFB(1),
CEA(1), CCP(1) and RCP(1).
The system dynamics can change significantly when
transitioning from 4 phases to 1 phase. Loop 0 has an
additional component, RPSC, that is inserted in the loop
when in PS1 mode (single phase) to optimize phase
margin. RPSC adds to RCP thereby reducing the system
bandwidth if desired. To disable this feature, place RPSC
as a zero ohm resistor. The IR3531A excel design tool can
be used to calculate an initial starting point.
Note RDRP needs to be recalculated if RFB is changed.
LAYOUT GUIDELINES
VCC bias inductor LVCC must be close to SW pin.
VCC bias bulk cap COUTVCC must be located near
LVCC and connections for COUTVCC must be as
short as possible.
For both rails, all components connected to EA,
FB, VDRP, and VO pins must be located on the
same layer as the IR3531A as close to these pins
as possible.
Insert 9 equally spaced connection vias to GND
tab of IR3531A.
V12V decoupling cap must be near pin of IR3531A
with GND connection as short as possible.
ROSC must be located close to pin of IR3531A.
RTHERM1 and RTHERM3 must be located close to
inductor of associated voltage regulator. Locate
RTHERM2 to provide overall temperature reading
of the power converter.
mV
RSCALE
RTHERM
RSCALE
RSCALE
RTHERM
RSCALE
RSCALE
RSCALE
RTHERM
RSCALE
RSCALE
RTHERM
RSCALE
ax
Gcs
DCR
VDAC
VDRP
900
3
3
1
3
*
)
3
1
(
2
3
3
1
2
*
)
3
1
(
*
Im
*
*
*
9
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com