Electronic Components Datasheet Search
  English  ▼

X  

MAX301 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX301
Description  Precision, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX301 Datasheet HTML 1Page - Maxim Integrated Products MAX301 Datasheet HTML 2Page - Maxim Integrated Products MAX301 Datasheet HTML 3Page - Maxim Integrated Products MAX301 Datasheet HTML 4Page - Maxim Integrated Products MAX301 Datasheet HTML 5Page - Maxim Integrated Products MAX301 Datasheet HTML 6Page - Maxim Integrated Products MAX301 Datasheet HTML 7Page - Maxim Integrated Products MAX301 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
______________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, Dual, High-Speed Analog Switches
PART
TEMP.RANGE
PIN-PACKAGE
MAX303CPE
0°C to +70°C
16 Plastic DIP
MAX303CSE
0°C to +70°C
16 Narrow SO
MAX303CJE
0°C to +70°C
16 CERDIP
MAX303C/D
0°C to +70°C
Dice*
MAX303EPE
-40°C to +85°C
16 Plastic DIP
MAX303ESE
-40°C to +85°C
16 Narrow SO
MAX303EJE
-40°C to +85°C
16 CERDIP
MAX303MJE
-55°C to +125°C
16 CERDIP
MAX303MLP
-55°C to +125°C
20 LCC**
MAX305CPE
0°C to +70°C
16 Plastic DIP
MAX305CSE
0°C to +70°C
16 Narrow SO
MAX305CJE
0°C to +70°C
16 CERDIP
MAX305C/D
0°C to +70°C
Dice*
MAX305EPE
-40°C to +85°C
16 Plastic DIP
MAX305ESE
-40°C to +85°C
16 Narrow SO
MAX305EJE
-40°C to +85°C
16 CERDIP
MAX305MJE
-55°C to +125°C
16 CERDIP
MAX305MLP
-55°C to +125°C
20 LCC**
__Ordering Information (continued)
* Dice are tested at TA = +25°C only.
** Contact factory for availability.
MAX301
MAX303
14
15
16
17
18
4
5
6
7
8
COM3
NC3
N.C.
NC4
COM4
V-
GND
N.C.
VL
V+
14
15
16
17
18
4
5
6
7
8
N.C.
N.C.
N.C.
N.C.
N.C.
V-
GND
N.C.
VL
V+
TOP VIEW
MAX305
14
15
16
17
18
4
5
6
7
8
COM3
NO3
N.C.
NO4
COM4
V-
GND
N.C.
VL
V+
_____Pin Configuration (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com