Electronic Components Datasheet Search
  English  ▼

X  

MAX301 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX301
Description  Precision, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX301 Datasheet HTML 1Page - Maxim Integrated Products MAX301 Datasheet HTML 2Page - Maxim Integrated Products MAX301 Datasheet HTML 3Page - Maxim Integrated Products MAX301 Datasheet HTML 4Page - Maxim Integrated Products MAX301 Datasheet HTML 5Page - Maxim Integrated Products MAX301 Datasheet HTML 6Page - Maxim Integrated Products MAX301 Datasheet HTML 7Page - Maxim Integrated Products MAX301 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INPUT
Input Current with
IINH
VIN_ = 2.4V, all others = 0.8V
-1.000 0.005
1.000
µA
Input Voltage High
Input Current with
IINH
VIN_ = 0.8V, all others = 2.4V
-1.000 0.005
1.000
µA
Input Voltage Low
SUPPLY
Power-Supply Range
±4.5
±20
V
Positive Supply Current
TA = +25°C
-1.00
0.01
1.00
I+
TA = TMIN to TMAX
-5.00
5.00
µA
Negative Supply Current
I-
TA = +25°C
-1.00
-0.01
1.00
TA = TMIN to TMAX
-5.00
5.00
µA
Logic Supply Current
IL
TA = +25°C
-1.00
0.01
1.00
TA = TMIN to TMAX
-5.00
5.00
µA
Ground Current
IGND
TA = +25°C
-1.00
-0.01
1.00
TA = TMIN to TMAX
-5.00
5.00
µA
DYNAMIC
Turn-On Time
tON
Figure1
TA = +25°C
100
150
ns
Turn-Off Time
tOFF
Figure 1
TA = +25°C
60
100
ns
Break-Before-Make
tD
MAX303 only,
TA = +25°C
10
20
ns
Time Delay (Note 3)
Figure 2
CL = 10nF, VGEN = 0V,
Charge Injection
Q
RGEN = 0Ω,TA = +25°C
10
15
pC
(Note 3)
Figure 3
Off Isolation (Note 5)
OIRR
RL = 100Ω, CL = 5pF,
TA = +25°C
72
dB
f = 1MHz, Figure 4
Crosstalk (Note 6)
RL = 50Ω, CL = 5pF,
TA = +25°C
90
dB
f = 1MHz, Figure 5
Off Capacitance
COFF
f = 1MHz, Figure 6
TA = +25°C
12
pF
COM Off Capacitance
CCOM(OFF)
f = 1MHz, Figure 6
TA = +25°C
12
pF
Channel-On Capacitance
CCOM(ON)
f = 1MHz, Figure 7
TA = +25°C
39
pF
Precision, Dual, High-Speed Analog Switches
_________________________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used on
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆R
ON = ∆RONMAX - ∆RONMIN. On resistance match between channels and flatness are guaranteed only with
specified voltages.
Note 5: See Figure 4. Off isolation = 20log10 VCOM/VNC orVNO, VCOM = output, VNC or VNO = input to off switch.
Note 6: Between any two switches. See Figure 5.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com