Electronic Components Datasheet Search
  English  ▼

X  

MAX301 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX301
Description  Precision, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX301 Datasheet HTML 1Page - Maxim Integrated Products MAX301 Datasheet HTML 2Page - Maxim Integrated Products MAX301 Datasheet HTML 3Page - Maxim Integrated Products MAX301 Datasheet HTML 4Page - Maxim Integrated Products MAX301 Datasheet HTML 5Page - Maxim Integrated Products MAX301 Datasheet HTML 6Page - Maxim Integrated Products MAX301 Datasheet HTML 7Page - Maxim Integrated Products MAX301 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
__________________General Description
The MAX301/MAX303/MAX305 are precision, dual, high-
speed analog switches. The single-pole single-throw (SPST)
MAX301 and double-pole single-throw (DPST) MAX305 dual
switches are normally open (NO). The single-pole double-
throw (SPDT) MAX303 has two NO and two normally closed
(NC) poles. All three parts offer low on resistance (less than
35
Ω), guaranteed to match to within 2Ω between channels
and to remain flat over the full analog signal range (
∆3Ω max).
They also offer low leakage (less than 250pA at +25°C and
less than 6nA at +85°C) and fast switching (turn-on time less
than 150ns and turn-off time less than 100ns).
The MAX301/MAX303/MAX305 are fabricated with Maxim’s
new improved silicon-gate process for high system accuracy.
Design improvements guarantee extremely low charge injec-
tion (15pC) and low power consumption (35µW). A 44V maxi-
mum breakdown voltage allows rail-to-rail analog signal
capability.
These monolithic switches operate with a single positive sup-
ply (+10V to +30V) or with split supplies (±4.5V to ±20V) while
retaining CMOS-logic input compatibility and fast switching.
CMOS inputs provide reduced input loading.
___________________________Applications
Sample-and-Hold Circuits
Military Radios
Test Equipment
Communication Systems
Heads-Up Displays
Battery-Operated Systems
Guidance and Control Systems PBX, PABX
________________________________Features
o Low On Resistance <22
Ω Typical (35Ω Max)
o Guaranteed Matched On Resistance Between
Channels <2
Ω
o Guaranteed Flat On Resistance over Full Analog
Signal Range
∆3Ω Max
o Guaranteed Charge Injection <15pC
o Guaranteed Off-Channel Leakage <6nA at +85°C
o Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o TTL-/CMOS-Logic Compatible
o Rail-to-Rail Analog Signal Handling Capability
_________________Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX301CPE
0°C to +70°C
16 Plastic DIP
MAX301CSE
0°C to +70°C
16 Narrow SO
MAX301CJE
0°C to +70°C
16 CERDIP
MAX301C/D
0°C to +70°C
Dice*
MAX301EPE
-40°C to +85°C
16 Plastic DIP
MAX301ESE
-40°C to +85°C
16 Narrow SO
MAX301EJE
-40°C to +85°C
16 CERDIP
MAX301MJE
-55°C to +125°C
16 CERDIP
MAX301MLP
-55°C to +125°C
20 LCC**
Precision, Dual, High-Speed Analog Switches
_______________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
N.C.
N.C.
N.C.
COM1
TOP VIEW
MAX301
VL
V+
IN2
NO2
COM2
N.C.
N.C.
N.C.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
NC3
COM3
N.C.
COM1
MAX303
VL
V+
IN2
NO2
COM2
N.C.
COM4
NC4
DIP/SO
DIP/SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
NO3
COM3
N.C.
COM1
MAX305
VL
V+
IN2
NO2
COM2
N.C.
COM4
NO4
DIP/SO
MAX301
LOGIC
SWITCH
0
1
OFF
ON
MAX303
LOGIC
SWITCHES 1, 2
0
1
OFF
ON
MAX305
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES 3, 4
ON
OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
LCC packages on last page.
___________________________Pin Configurations/Block Diagrams/Truth Tables
Call toll free 1-800-998-8800 for free samples or literature.
19-0159; Rev 0; 9/93
Ordering Information continued on last page.
* Contact factory for dice specifications.
** Contact factory for package availability.


Similar Part No. - MAX301

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301 Datasheet
412Kb / 8P
Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
MAX3010 MAXIM-MAX3010 Datasheet
430Kb / 24P
1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30100 MAXIM-MAX30100 Datasheet
881Kb / 29P
Integrated Ambient Light Cancellation
Rev 0; 9/14
MAX30101 MAXIM-MAX30101 Datasheet
3Mb / 14P
On-Board Accelerometer
Rev 0; 5/16
MAX30101DBEVKIT MAXIM-MAX30101DBEVKIT Datasheet
3Mb / 14P
On-Board Accelerometer
Rev 0; 5/16
More results

Similar Description - MAX301

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4213 ALD-ALD4213 Datasheet
60Kb / 8P
CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211_05 Datasheet
48Kb / 8P
CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
logo
Toshiba Semiconductor
SSM6N35AFE TOSHIBA-SSM6N35AFE Datasheet
230Kb / 9P
High-Speed Switching Analog Switches
logo
Maxim Integrated Produc...
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com