Electronic Components Datasheet Search
  English  ▼

X  

NJM2192 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2192
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2192 Datasheet HTML 4Page - New Japan Radio NJM2192 Datasheet HTML 5Page - New Japan Radio NJM2192 Datasheet HTML 6Page - New Japan Radio NJM2192 Datasheet HTML 7Page - New Japan Radio NJM2192 Datasheet HTML 8Page - New Japan Radio NJM2192 Datasheet HTML 9Page - New Japan Radio NJM2192 Datasheet HTML 10Page - New Japan Radio NJM2192 Datasheet HTML 11Page - New Japan Radio NJM2192 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NJM2192A
- 8 -
NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
14
C2
Filter Input
0V
18
VREFIN
Vref Input
V+/2
19
20
21
GAINSW
MODE2
MODE1
Gain SW
MODE2 SW
MODE1 SW
0V
25
26
27
28
BASSINR
INR
BASSINL
INL
Audio Input
V+/2
V+
V+
V+
10K
50
V+
V+
V+
50K
50K
V+
V+
V+
150
150K
150
50K
V+
V+
V+
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com