Electronic Components Datasheet Search
  English  ▼

X  

NJM2192 Datasheet(PDF) 14 Page - New Japan Radio

Part # NJM2192
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192 Datasheet(HTML) 14 Page - New Japan Radio

Back Button NJM2192 Datasheet HTML 8Page - New Japan Radio NJM2192 Datasheet HTML 9Page - New Japan Radio NJM2192 Datasheet HTML 10Page - New Japan Radio NJM2192 Datasheet HTML 11Page - New Japan Radio NJM2192 Datasheet HTML 12Page - New Japan Radio NJM2192 Datasheet HTML 13Page - New Japan Radio NJM2192 Datasheet HTML 14Page - New Japan Radio NJM2192 Datasheet HTML 15Page - New Japan Radio NJM2192 Datasheet HTML 16Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
NJM2192A
- 14 -
NJM2192(TruBass) GAIN STRUCTURE
“Speaker Size : Large”
-10
+16
-8
-6
-4
-2
+0
+2
+4
+6
+8
+10
+12
+14
dB
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Vin=-12.2dBV(245mVrms),
Lch In ¡ Lch Out,
Punch VR : MAX
V+ = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com