Electronic Components Datasheet Search
  English  ▼

X  

NJM2192 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2192
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2192 Datasheet HTML 6Page - New Japan Radio NJM2192 Datasheet HTML 7Page - New Japan Radio NJM2192 Datasheet HTML 8Page - New Japan Radio NJM2192 Datasheet HTML 9Page - New Japan Radio NJM2192 Datasheet HTML 10Page - New Japan Radio NJM2192 Datasheet HTML 11Page - New Japan Radio NJM2192 Datasheet HTML 12Page - New Japan Radio NJM2192 Datasheet HTML 13Page - New Japan Radio NJM2192 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NJM2192A
- 10 -
s
s
s
sBLOCK DIAGRAM
No.
SYMBOL
FUNCTION
No.
SYMBOL
FUNCTION
1
FILOUT
Filter Output
16
V+
Supply Voltage
2
FIL1
Filter Input
17
VREFOUT
V
+/2 Output
3
FIL2
Filter Input
18
VREFIN
V
+/2 Input
4
FIL3
Filter Input
19
GAINSW
Gain Switch
5
FIL4
Filter Input
20
MODE2
MODE2 Switch
6
FIL5
Filter Input
21
MODE1
MODE1 Switch
7
FIL6
Filter Input
22
BASSOUT
TruBass Output
(Low Frequency Content)
(1)
8
FIL7
Filter Input
23
OUTR
Rch Output
9
PCOUT
Punch Control VR
24
OUTL
Lch Output
10
PCIN
Punch Control VR
25
BASSINR
TruBass Input
(2)
11
FIL8
Filter Input
26
INR
Rch Input
12
FIL9
Filter Output
27
BASSINL
TruBass Input
(3)
13
C1
Filter Input
28
INL
Lch Input
14
C2
Filter Input
29
C3
Filter Input
15
GND
GND
30
C4
Filter Input
(1) The BASSOUT is low frequency signal derived from the stereo audio signal.
(2),(3) Refer to “s
s
s
sINPUT TERMINAL OPERATING INSTRUCTION”
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FILTER
MATRIX
VCA
FILTER
d
e
d
e
a
b
c
a
b
c
d:Nomal
e:+6dB
a:BYPASS
b:BASS2
c:BASS1
VREF
GND
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com