Electronic Components Datasheet Search
  English  ▼

X  

MAX306C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX306C/D
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX306C/D Datasheet HTML 4Page - Maxim Integrated Products MAX306C/D Datasheet HTML 5Page - Maxim Integrated Products MAX306C/D Datasheet HTML 6Page - Maxim Integrated Products MAX306C/D Datasheet HTML 7Page - Maxim Integrated Products MAX306C/D Datasheet HTML 8Page - Maxim Integrated Products MAX306C/D Datasheet HTML 9Page - Maxim Integrated Products MAX306C/D Datasheet HTML 10Page - Maxim Integrated Products MAX306C/D Datasheet HTML 11Page - Maxim Integrated Products MAX306C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
10
______________________________________________________________________________________
________Pin Configurations/Functional Diagrams/Truth Tables (continued)
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
COM
V-
NO8
NO7
NO16
N.C.
N.C.
V+
TOP VIEW
NO6
NO5
NO4
NO3
NO12
NO13
NO14
NO15
20
19
18
17
9
10
11
12
NO2
NO1
EN
A0
GND
NO9
NO10
NO11
DIP/SO
MAX306
16
15
13
14
A1
A2
A3
N.C.
A2
A1
A0
EN
ON
Switch
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MAX306
LOGIC “0” VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
A3
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
COMA
V-
NO8A
NO7A
NO8B
N.C.
COMB
V+
TOP VIEW
NO6A
NO5A
NO4A
NO3A
NO4B
NO5B
NO6B
NO7B
20
19
18
17
9
10
11
12
NO2A
NO1A
EN
A0
GND
NO1B
NO2B
NO3B
DIP/SO
MAX307
16
15
13
14
A1
A2
N.C.
N.C.
A2
A1
A0
EN
ON
Switch
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
MAX307
LOGIC “0” VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com