Electronic Components Datasheet Search
  English  ▼

X  

MAX306C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX306C/D
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX306C/D Datasheet HTML 1Page - Maxim Integrated Products MAX306C/D Datasheet HTML 2Page - Maxim Integrated Products MAX306C/D Datasheet HTML 3Page - Maxim Integrated Products MAX306C/D Datasheet HTML 4Page - Maxim Integrated Products MAX306C/D Datasheet HTML 5Page - Maxim Integrated Products MAX306C/D Datasheet HTML 6Page - Maxim Integrated Products MAX306C/D Datasheet HTML 7Page - Maxim Integrated Products MAX306C/D Datasheet HTML 8Page - Maxim Integrated Products MAX306C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
4
_______________________________________________________________________________________
(Note 3)
CONDITIONS
CL = 1.0nF,
VNO = 0V,
RS = 0Ω
VINH = 2.4V,
VINL = 0V,
VNO1 = 5V,
Figure 3
VINH = 2.4V,
VINL = 0V,
VNO1 = 5V,
Figure 3
VNO1 = 8V,
VNO8 = 0V,
VIN = 2.4V,
Figure 1
INO = -1.0mA
VCOM = 3V or 10V
pC
210
Q
Charge Injection
(Note 3)
ns
80
300
tOFF(EN)
Enable Turn-Off Time
(Note 3)
V
012
VNO,
VCOM
Analog Signal Range
ns
105
600
tON(EN)
Enable Turn-On Time
(Note 3)
ns
130
450
tTRANS
Transition Time
(Note 3)
Ω
120
175
RON
On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0V, GND = 0V, VAH = +2.4V, VAL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: The algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN). On-resistance match between channels and flatness are guaranteed only with specified
voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured at
the extremes of the specified analog signal range.
Note 5: Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 6: Off isolation = 20log VCOM/VNO, where VCOM = output and VNO = input to off switch.
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
SWITCH
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com