Electronic Components Datasheet Search
  English  ▼

X  

MAX306C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX306C/D
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX306C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX306C/D Datasheet HTML 4Page - Maxim Integrated Products MAX306C/D Datasheet HTML 5Page - Maxim Integrated Products MAX306C/D Datasheet HTML 6Page - Maxim Integrated Products MAX306C/D Datasheet HTML 7Page - Maxim Integrated Products MAX306C/D Datasheet HTML 8Page - Maxim Integrated Products MAX306C/D Datasheet HTML 9Page - Maxim Integrated Products MAX306C/D Datasheet HTML 10Page - Maxim Integrated Products MAX306C/D Datasheet HTML 11Page - Maxim Integrated Products MAX306C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
__________________________________________________________Chip Topographies
GND
NO1
NO2
NO3
N04
NO5
NO6
NO7
NO8
EN
A0
A1
A2
A3
N.C.
0.184"
(4.67mm)
0.078"
(1.98mm)
NO9
NO10
NO11
NO12
N013
NO14
NO15
NO16
N.C.
V-
COM
V+
GND
NO1A
NO2A
NO3A
N04A
NO5A
NO6A
NO7A
NO8A
EN
A0
A1
A2
N.C. N.C.
0.184"
(4.67mm)
0.078"
(1.98mm)
NO1B
NO2B
NO3B
NO4B
N05B
NO6B
NO7B
NO8B
COMB
V-
COMA
V+
TRANSISTOR COUNT: 269
SUBSTRATE IS INTERNALLY CONNECTED TO V+
TRANSISTOR COUNT: 269
SUBSTRATE IS INTERNALLY CONNECTED TO V+
MAX306
MAX307
N.C. = NO INTERNAL CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com