Electronic Components Datasheet Search
  English  ▼

X  

MAX3085ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3085ESA
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3085ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 10Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 11Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
520
560
-60
100
DRIVER PROPAGATION DELAY
(500kbps MODE) vs. TEMPERATURE
600
640
920
TEMPERATURE (°C)
40
760
800
720
680
060
840
880
-40 -20
20
80
Rt = 54Ω
20
25
-60
100
DRIVER PROPAGATION DELAY
(10Mbps MODE) vs. TEMPERATURE
30
60
TEMPERATURE (°C)
40
45
50
40
35
060
55
-40 -20
20
80
Rt = 54Ω
1.83
1.84
-60
100
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
1.85
1.90
TEMPERATURE (°C)
40
1.88
1.87
1.86
060
1.89
-40 -20
20
80
Rt = 54Ω
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-8
-2
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
6
4
2
-6
-4
0
100
0.01
01
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
0.1
10
1
DIFFERENTIAL OUTPUT VOLTAGE (V)
23
4
5
0
20
40
60
80
100
120
140
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
02468
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com