Electronic Components Datasheet Search
  English  ▼

X  

MAX3085ESA Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX3085ESA
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085ESA Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX3085ESA Datasheet HTML 12Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 13Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 14Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 15Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 16Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 17Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 18Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 19Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Low-Power Shutdown Mode
(except MAX3082/MAX3085/MAX3088)
Low-power shutdown mode is initiated by bringing both
RE high and DE low. In shutdown, the devices typically
draw only 1nA of supply current.
RE and DE may be driven simultaneously; the parts are
guaranteed not to enter shutdown if RE is high and DE
is low for less than 50ns. If the inputs are in this state
for at least 600ns, the parts are guaranteed to enter
shutdown.
Enable times tZH and tZL in the Switching Char-
acteristics tables assume the part was not in a low-
power shutdown state. Enable times tZH(SHDN) and
tZL(SHDN) assume the parts were shut down. It takes
drivers and receivers longer to become enabled from
low-power shutdown mode (tZH(SHDN), tZH(SHDN)) than
from driver/receiver-disable mode (tZH, tZL).
Driver Output Protection
Two mechanisms prevent excessive output current and
power dissipation caused by faults or by bus con-
tention. The first, a foldback current limit on the output
stage, provides immediate protection against short cir-
cuits over the whole common-mode voltage range (see
Typical Operating Characteristics). The second, a ther-
mal shutdown circuit, forces the driver outputs into a
high-impedance state if the die temperature becomes
excessive.
Line Length vs. Data Rate
The RS-485/RS-422 standard covers line lengths up to
4000 feet. For line lengths greater than 4000 feet, use
the repeater application shown in Figure 17.
Figures 18, 19, and 20 show the system differential volt-
age for the parts driving 4000 feet of 26AWG twisted-
pair wire at 110kHz into 120
Ω loads.
Typical Applications
The MAX3082/MAX3085/MAX3088/MAX3089 trans-
ceivers are designed for bidirectional data communica-
tions on multipoint bus transmission lines. Figures 21
and 22 show typical network applications circuits.
These parts can also be used as line repeaters, with
cable lengths longer than 4000 feet, as shown in Figure 17.
To minimize reflections, the line should be terminated at
both ends in its characteristic impedance, and stub
lengths off the main line should be kept as short as
possible. The slew-rate-limited MAX3082/MAX3085,
and the two modes of the MAX3089, are more tolerant
of imperfect termination.
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
18
______________________________________________________________________________________
120
Ω
120
Ω
DATA IN
DATA OUT
R
D
RO
RE
DE
DI
A
B
Z
Y
MAX3080/MAX3081/MAX3083/
MAX3084/MAX3086/MAX3087/
MAX3089 (FULL DUPLEX)
NOTE: RE AND DE ON MAX3080/MAX3083/MAX3086/MAX3089 ONLY.
Figure 17. Line Repeater for MAX3080/MAX3081/
MAX3083/MAX3084/MAX3086/MAX3087, and MAX3089
in Full-Duplex Mode
5
µs/div
VA - VB
DI
RO
1V/div
5V/div
5V/div
MAX3080/3089 FIG-18
Figure 18. MAX3080/MAX3081/MAX3082, and MAX3089
with SRL = Unconnected, System Differential Voltage at 50kHz
Driving 4000 feet of Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com