Electronic Components Datasheet Search
  English  ▼

X  

MAX3085ESA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3085ESA
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085ESA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3085ESA Datasheet HTML 10Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 11Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 12Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 13Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 14Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 15Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 16Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 17Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Detailed Description
The MAX3080–MAX3089 high-speed transceivers for
RS-485/RS-422 communication contain one driver and
one receiver. These devices feature fail-safe circuitry,
which guarantees a logic-high receiver output when the
receiver inputs are open or shorted, or when they are
connected to a terminated transmission line with all
drivers disabled (see
Fail-Safe section). The MAX3080/
MAX3081/MAX3082 feature reduced slew-rate drivers
that minimize EMI and reduce reflections caused by
improperly terminated cables, allowing error-free data
transmission up to 115kbps (see
Reduced EMI and
Reflections section). The MAX3083/MAX3084/MAX3085
offer higher driver output slew-rate limits, allowing
transmit speeds up to 500kbps. The MAX3086/
MAX3087/MAX3088’s driver slew rates are not limited,
making transmit speeds up to 10Mbps possible. The
MAX3089’s slew rate is selectable between 115kbps,
500kbps, and 10Mbps by driving a selector pin with a
three-state driver.
The MAX3082/MAX3085/MAX3088 are half-duplex
transceivers, while the MAX3080/MAX3081/MAX3083/
MAX3084/MAX3086/MAX3087 are full-duplex trans-
ceivers. The MAX3089 is selectable between half- and
full-duplex communication by driving a selector pin
high or low, respectively.
All of these parts operate from a single +5V supply.
Drivers are output short-circuit current limited. Thermal
shutdown circuitry protects drivers against excessive
power dissipation. When activated, the thermal shut-
down circuitry places the driver outputs into a high-
impedance state.
Receiver Input Filtering
The receivers of the MAX3080–MAX3085, and the
MAX3089 when operating in 115kbps or 500kbps
mode, incorporate input filtering in addition to input
hysteresis. This filtering enhances noise immunity with
differential signals that have very slow rise and fall
times. Receiver propagation delay increases by 20%
due to this filtering.
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
14
______________________________________________________________________________________
DIP/SO
TOP VIEW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
RXP
TXP
A
B
Z
Y
RO
RE
DE
DI
SRL
GND
H/F
MAX3089
RD
VCC
TXP
A
B
Z
Y
GND
DE
SRL
DI
MAX3089
H/F
RE
NOTE: SWITCH POSITIONS
INDICATED FOR H/F = GND
Figure 4. MAX3089 Pin Configuration and Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com