Electronic Components Datasheet Search
  English  ▼

X  

MAX3100CPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3100CPD
Description  SPI/Microwire-Compatible UART in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100CPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3100CPD Datasheet HTML 1Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 2Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 3Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 4Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 5Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 6Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 7Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 8Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX3100 universal asynchronous receiver transmit-
ter (UART) is the first UART specifically optimized for
small microcontroller-based systems. Using an
SPI™/Microwire™ interface for communication with the
host microcontroller (µC), the MAX3100 comes in a com-
pact 16-pin QSOP. The asynchronous I/O is suitable for
use in RS-232, RS-485, IR, and opto-isolated data links.
IR-link communication is easy with the MAX3100’s
infrared data association (IrDA) timing mode.
The MAX3100 includes a crystal oscillator and a baud-
rate generator with software-programmable divider ratios
for all common baud rates from 300 baud to 230k baud.
A software- or hardware-invoked shutdown lowers quies-
cent current to 10µA, while allowing the MAX3100 to
detect receiver activity.
An 8-word-deep first-in/first-out (FIFO) buffer minimizes
processor overhead. This device also includes a flexible
interrupt with four maskable sources, including address
recognition on 9-bit networks. Two hardware-handshak-
ing control lines are included (one input and one output).
The MAX3100 is available in 14-pin plastic DIP and small,
16-pin QSOP packages in the commercial and extended
temperature ranges.
________________________Applications
Hand-Held Instruments
Intelligent Instrumentation
UART in SPI Systems
Small Networks in HVAC or Building Control
Isolated RS-232/RS-485: Directly Drives Opto-Couplers
Low-Cost IR Data Links for Computers/Peripherals
____________________________Features
o 16-Pin QSOP Package (8-pin SO footprint):
Smallest UART Available
o Full-Featured UART:
—IrDA SIR Timing Compatible
—8-Word FIFO Minimizes Processor
Overhead at High Data Rates
—Up to 230k Baud with a 3.6864MHz Crystal
—9-Bit Address-Recognition Interrupt
—Receive Activity Interrupt in Shutdown
o SPI/Microwire-Compatible µC Interface
o Lowest Power:
—150µA Operating Current at 3.3V
—10µA in Shutdown with Receive Interrupt
o +2.7V to +5.5V Supply Voltage in Operating Mode
o Schmitt-Trigger Inputs for Opto-Couplers
o TX and RTS Outputs Sink 25mA for Opto-Couplers
SPI/Microwire-Compatible
UART in QSOP-16
________________________________________________________________
Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
TX
RX
RTS
CS
SCLK
DOUT
DIN
TOP VIEW
MAX3100
CTS
X1
X2
GND
SHDN
IRQ
DIP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
TX
RX
RTS
N.C.
CTS
X1
X2
DIN
DOUT
SCLK
CS
N.C.
IRQ
SHDN
GND
MAX3100
QSOP
__________________________________________________________Pin Configurations
19-1259; Rev 0; 7/97
PART
MAX3100CPD
MAX3100CEE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 Plastic DIP
16 QSOP
______________Ordering Information
Typical Operating Circuit appears at end of data sheet.
SPI is a trademark of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
MAX3100EPD
MAX3100EEE
-40°C to +85°C
-40°C to +85°C
14 Plastic DIP
16 QSOP


Similar Part No. - MAX3100CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100CPD+ MAXIM-MAX3100CPD+ Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100CPD+ MAXIM-MAX3100CPD+ Datasheet
630Kb / 24P
SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
More results

Similar Description - MAX3100CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
SPI-to-UART Bridge
June 7, 2011
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
SPI-to-UART Bridge
September 24, 2012
logo
Maxim Integrated Produc...
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com