Electronic Components Datasheet Search
  English  ▼

X  

MAX3100CPD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3100CPD
Description  SPI/Microwire-Compatible UART in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100CPD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3100CPD Datasheet HTML 9Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 10Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 11Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 12Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 13Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 14Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 15Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 16Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SPI/Microwire-Compatible
UART in QSOP-16
______________________________________________________________________________________
13
MAX3100
MAX3222
CS
ISO
5V
SCLK
ISO
+5V
TX
DIN
2k
6N136
6N136
6N136
6N136
2k
2k
2k
DOUT
CS
SCLK
DIN
DOUT
ISO
+5V
VCC
VCC
+5V
MBR0520
HALO
TGM-010P3
VCC
VCC
470
Ω
RX
CTS
RTS
MAX253
MAX667
470
Ω
470
Ω
470
Ω
LINEAR
REGULATOR
TRANSFORMER
DRIVER
Figure 7. Driving Optocouplers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com