Electronic Components Datasheet Search
  English  ▼

X  

MAX3100CPD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3100CPD
Description  SPI/Microwire-Compatible UART in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100CPD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3100CPD Datasheet HTML 1Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 2Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 3Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 4Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 5Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 6Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 7Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 8Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SPI/Microwire-Compatible
UART in QSOP-16
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CLOAD = 100pF
CLOAD = 100pF, RCS = 10k
Ω
CLOAD = 100pF
CONDITIONS
ns
100
tCL
SCLK Low Time
ns
100
tCH
SCLK High Time
ns
238
tCP
SCLK Period
ns
0
tDH
DIN to SCLK Hold Time
ns
100
tDS
DIN to SCLK Setup Time
ns
100
tDO
SCLK Fall to DOUT Valid
ns
0
tCSH
CS to SCLK Hold Time
ns
100
tCSS
CS to SCLK Setup Time
ns
100
tTR
CS High to DOUT Tri-State
ns
100
tDV
CS Low to DOUT Valid
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TX, RTS, DOUT: CLOAD = 100pF
(Note 1)
ns
10
tr
Output Rise Time
ns
200
tCSW
CS High Pulse Width
ns
100
tCS0
SCLK Rising Edge
to CS Falling
(Note 1)
ns
200
tCS1
CS Rising Edge
to SCLK Rising
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
Figure 1. Detailed Serial-Interface Timing
TX, RTS, DOUT, IRQ: CLOAD = 100pF
ns
10
tf
Output Fall Time
AC TIMING (Figure 1)
Note 1: tCS0 and tCS1 specify the minimum separation between SCLK rising edges used to write to other devices on the SPI bus
and the CS used to select the MAX3100. A separation greater than tCS0 and tCS1 ensures that the SCLK edge is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com