Electronic Components Datasheet Search
  English  ▼

X  

JCD Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JCD
Description  Load life of 1000 ~ 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCD Datasheet(HTML) 3 Page - jb Capacitors Company

  JCD Datasheet HTML 1Page - jb Capacitors Company JCD Datasheet HTML 2Page - jb Capacitors Company JCD Datasheet HTML 3Page - jb Capacitors Company JCD Datasheet HTML 4Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT&IMPEDANCE
WV/V
Cap/μF
25
35
50
1E
1V
1H
1
010
4×5.4
3.0
60
4×5.4
5.0
30
1.5
1R5
4×5.4
3.0
60
4×5.4
5.0
30
2.2
2R2
4×5.4
3.0
60
4×5.4
5.0
30
3.3
3R3
4×5.4
3.0
60
4×5.4
5.0
30
4.7
4R7
4×5.4
3.0
60
4×5.4
3.0
60
5×5.4
3.0
50
6.8
6R8
4×5.4
3.0
60
5×5.4
1.8
95
6.3×5.4
2.0
70
10
100
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
5×5.4
(4×5.4)
1.8
(3.0)
95
(60)
6.3×5.4
2.0
70
15
150
6.3×5.4
1.8
95
5×5.4
1.8
95
6.3×5.4
2.0
70
22
220
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
6.3×7.7
(6.3×5.4)
1.0
(2.0)
120
(70)
33
330
6.3×5.4
(5×5.4)
1.0
(1.8)
140
(95)
6.3×5.4
1.0
140
6.3×7.7
1.0
120
47
470
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
6.3×7.7
(6.3×5.4)
0.6
(1.0)
230
(140)
6.3×7.7
1.0
120
68
680
6.3×7.7
0.6
230
6.3×7.7
0.6
230
8×10.5
0.6
300
100
101
6.3×7.7
0.6
230
8×10.5
0.3
450
8×10.5
0.6
300
150
151
8×10.5
(6.3×7.7)
0.3
(0.6)
450
(230)
8×10.5
0.3
450
10×10.5
0.3
500
Case Size
ØD×L(mm)
Impedance
(Ω) at 20℃
100kHz
Ripple
Current
(mA rms) at
105℃
100kHz
WV/V
Cap. (μF)
25
35
50
1E
1V
1H
220
221
8×10.5
0.30
450
10×10.5
(8×10.5)
0.15
(0.30)
670
(450)
10×10.5
0.30
500
330
331
10×10.5
(8×10.5)
0.15
(0.30)
670
(450)
10×10.5
0.15
670
16×16.5
(12.5×13.5)
(10×13.5)
0.12
(0.20)
(0.25)
1060
(650)
(580)
470
471
10×10.5
0.15
670
10×10.5
0.15
670
16×16.5
(12.5×16)
0.12
(0.15)
1060
(700)
680
681
10×13.5
0.13
750
12.5×13.5
(10×13.5)
0.11
(0.13)
820
(750)
16×16.5
0.12
1060
1000
102
16×16.5
(12.5×13.5)
0.08
(0.11)
1260
(820)
16×16.5
(12.5×16)
0.08
(0.09)
1260
(950)
1500
152
12.5×16
0.09
950
16×16.5
0.08
1260
2200
222
16×16.5
0.08
1260
Case Size
ØD×L(mm)
Impedance
(Ω) at 20℃
100kHz
Ripple Current
(mA rms) at
105℃ 100kHz
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCD
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com