Electronic Components Datasheet Search
  English  ▼

X  

JCD Datasheet(PDF) 4 Page - jb Capacitors Company

Part # JCD
Description  Load life of 1000 ~ 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCD Datasheet(HTML) 4 Page - jb Capacitors Company

  JCD Datasheet HTML 1Page - jb Capacitors Company JCD Datasheet HTML 2Page - jb Capacitors Company JCD Datasheet HTML 3Page - jb Capacitors Company JCD Datasheet HTML 4Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
Ø4~Ø10
1~68µF
0.35
0.50
0.64
0.83
1.00
100~2200µF
0.40
0.55
0.70
0.85
1.00
Ø12.5~Ø16
~
680µF
0.45
0.65
0.80
0.90
1.00
1000~4700µF
0.65
0.85
0.95
1.00
1.00
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCD
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com