Electronic Components Datasheet Search
  English  ▼

X  

JCD Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCD
Description  Load life of 1000 ~ 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCD Datasheet(HTML) 1 Page - jb Capacitors Company

  JCD Datasheet HTML 1Page - jb Capacitors Company JCD Datasheet HTML 2Page - jb Capacitors Company JCD Datasheet HTML 3Page - jb Capacitors Company JCD Datasheet HTML 4Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Ø
Low impedance with temperature range -55 ~ +105℃.
Ø
Load life of 1000 ~ 2000 hours.
Ø
Comply with the RoHS directive.
SPECIFICATIONS
Operating Temperature
-55℃ ~ +105℃
Voltage Range
6.3V ~ 50V.DC
Capacitance Range
1 ~ 4700μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current (Φ4~Φ10) ≤0.01CV or 3μA, whichever is greater
(After 2 minutes application of rated voltage)
Leakage current (Φ12.5~Φ16) ≤0.03CV or 4μA, whichever is greater
(After 1 minutes application of rated voltage)
Dissipation Factor (Tan δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
6.3
10
16
25
35
50
Tan δ
(Max.)
Φ
4~Φ10
0.22
0.19
0.16
0.14
0.12
0.12
Φ
12.5~Φ16
0.26
0.22
0.18
0.16
0.14
0.12
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
Impedance
Ratio
ZT/Z20
(Max.)
Φ
4~Φ10
Z(-25℃)/
Z(20℃)
2
2
2
2
2
2
Z(-55℃)/
Z(20℃)
5
4
4
3
3
3
Φ
12.5~Φ
16
Z(-25℃)/
Z(20℃)
3
3
2
2
2
2
Z(-55℃)/
Z(20℃)
10
8
6
4
3
3
Load Life
After 2000 hours. ( 1000 hours for Ø4~ Ø6.3*5.4)application of rated voltage at 105℃.
They meet the characteristics listed at right.
Capacitance Change
Within ± 20% of initial value.
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 105℃ for 1000 hours.
They meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed at right.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable toΦ6.3*7.7
*3 Applicable toΦ8*10.5~Φ10 *4 Applicable toΦ12.5~Φ16
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCD
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCD

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0405D03 XPPOWER-JCD0405D03 Datasheet
105Kb / 2P
Continuous Short Circuit Protection
JCD0405D03 XPPOWER-JCD0405D03 Datasheet
201Kb / 4P
2 1 Input Range
JCD0405D05 XPPOWER-JCD0405D05 Datasheet
105Kb / 2P
Continuous Short Circuit Protection
JCD0405D05 XPPOWER-JCD0405D05 Datasheet
201Kb / 4P
2 1 Input Range
JCD0405D12 XPPOWER-JCD0405D12 Datasheet
105Kb / 2P
Continuous Short Circuit Protection
More results

Similar Description - JCD

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63RX30220M12.5X20 RUBYCON-63RX30220M12.5X20 Datasheet
204Kb / 2P
Load Life : 130??1000節?000 hours.
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
SHL MERITEK-SHL Datasheet
737Kb / 4P
Load Life : 105C 1000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
Load Life : 85C 2000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
Load Life : 105C 1000~2000 hours
logo
jb Capacitors Company
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
Load life of 3000~5000 hours
JCN JBCAPACITORS-JCN Datasheet
266Kb / 2P
Load life of 1000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com