Electronic Components Datasheet Search
  English  ▼

X  

MAX3250 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3250
Description  짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3250 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3250 Datasheet HTML 1Page - Maxim Integrated Products MAX3250 Datasheet HTML 2Page - Maxim Integrated Products MAX3250 Datasheet HTML 3Page - Maxim Integrated Products MAX3250 Datasheet HTML 4Page - Maxim Integrated Products MAX3250 Datasheet HTML 5Page - Maxim Integrated Products MAX3250 Datasheet HTML 6Page - Maxim Integrated Products MAX3250 Datasheet HTML 7Page - Maxim Integrated Products MAX3250 Datasheet HTML 8Page - Maxim Integrated Products MAX3250 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
±50V Isolated, 3.0V to 5.5V,
250kbps, 2 TX/2 RX, RS-232 Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND, Unless Otherwise Noted.
VCC ...........................................................................-0.3V to +6V
ISOCOM...............................................................................±80V
ISOVCC to ISOCOM..................................................-0.3V to +6V
V+ to ISOCOM (Note 1)............................................-0.3V to +7V
V- to ISOCOM (Note 1)............................................+0.3V to -7V
V+ + |V-| (Note 1) ...................................................................13V
Input Voltages
T_IN, SHDN ...........................................................-0.3V to +6V
R_IN to ISOCOM...............................................................±25V
Output Voltages
T_OUT to ISOCOM ........................................................±13.2V
R_OUT .....................................................-0.3V to (VCC + 0.3V)
FAULT....................................................................-0.3V to +6V
C1-, C2- ......................................................-0.3V to (VCC + 0.3V)
C1+, C2+, C3+, C3-, C4+, C4-
to ISOCOM ......................................-0.3V to (ISOVCC + 0.3V)
T_OUT Current ..............30mA (continuous), 50mA (peak, 10µs)
R_IN Current..................30mA (continuous), 50mA (peak, 10µs)
ISOCOM Current ...........30mA (continuous), 50mA (peak, 10µs)
Short-Circuit Duration T_OUT to ISOCOM .................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.5mW/°C above +70°C) ...........762mW
Operating Temperature Ranges
MAX3250CAI .....................................................0°C to +70°C
MAX3250EAI...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, see Typical Operating Circuit and Table 1 for capacitor values, ISOCOM = GND, TA = TMIN to TMAX, unless oth-
erwise noted. Typical values are at VCC = 3.3V and TA = +25°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Current
SHDN = VCC, no load
15
35
mA
SHDN = GND, VISOCOM = GND
20
45
Supply Current Shutdown
SHDN = GND, VISOCOM =
±50V
±350
µA
Maximum Ground Differential
|VGND - VISOCOM|
50
V
Isolation Resistance
Between GND and ISOCOM
60
k
Ω
LOGIC INPUTS
Input Logic Low
T_IN, SHDN
0.8
V
VCC = 3.3V
2.0
Input Logic High
T_IN, SHDN
VCC = 5.0V
2.4
V
Transmitter Input Hysteresis
0.5
V
Input Leakage Current
T_IN, SHDN
-1
±0.01
+1
µA
RECEIVER OUTPUTS
Output Leakage Current
SHDN = GND
-10
±0.05
+10
µA
Output Voltage Low
IOUT = 1.6mA
0.4
V
Output Voltage High
IOUT = -1.0mA
VCC - 0.6 VCC - 0.1
V
FAULT OUTPUT
Output Voltage Low
(Open Drain)
IOUT = 5mA
0.4
V
Output Leakage Current
FAULT not asserted
1
µA
FAULT Trip Level
|VGND - VISOCOM|
55
V
Note 1: V+ and V- can have a maximum magnitude of 7V, but their absolute difference cannot exceed 13V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com