Electronic Components Datasheet Search
  English  ▼

X  

MAX3250 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3250
Description  짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3250 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3250 Datasheet HTML 1Page - Maxim Integrated Products MAX3250 Datasheet HTML 2Page - Maxim Integrated Products MAX3250 Datasheet HTML 3Page - Maxim Integrated Products MAX3250 Datasheet HTML 4Page - Maxim Integrated Products MAX3250 Datasheet HTML 5Page - Maxim Integrated Products MAX3250 Datasheet HTML 6Page - Maxim Integrated Products MAX3250 Datasheet HTML 7Page - Maxim Integrated Products MAX3250 Datasheet HTML 8Page - Maxim Integrated Products MAX3250 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
±50V Isolated, 3.0V to 5.5V,
250kbps, 2 TX/2 RX, RS-232 Transceiver
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
C1-
Negative Terminal of the Power Isolation Capacitor. Connect a 100V capacitor from C1- to C1+.
See Table 1 for values.
2
R1OUT
TTL/CMOS Receiver Output
3
R2OUT
TTL/CMOS Receiver Output
4
T1IN
TTL/CMOS Transmitter Input
5
T2IN
TTL/CMOS Transmitter Input
6, 22, 23
N.C.
No Connection. Not internally connected.
7
N.C.
No Connection. Leave unconnected or connect to ISOCOM.
8
C1+
Positive Terminal of the Power Isolation Capacitor. Connect a 100V capacitor from C1+ to C1-.
See Table 1 for values.
9
C3+
Positive Terminal of the Voltage-Doubler Charge-Pump Capacitor. Connect a 0.1µF capacitor from
C3+ to C3-.
10
V+
+5.5V Generated by the Charge Pump, Referenced to ISOCOM. Bypass V+ to ISOCOM with a
0.47µF capacitor.
11
C3-
Negative Terminal of the Voltage-Doubler Charge-Pump Capacitor. Connect a 0.1µF capacitor from
C3- to C3+.
12
C4+
Positive Terminal of the Inverting Charge-Pump Capacitor. Connect a 0.47µF capacitor from
C4+ to C4-.
13
C4-
Negative Terminal of the Inverting Charge-Pump Capacitor. Connect a 0.47µF capacitor from
C4- to C4+.
14
V-
-5.5V Generated by the Charge Pump, Referenced to ISOCOM. Bypass V- to ISOCOM with a 0.47µF
capacitor.
15
ISOCOM
Isolated Ground
16
T2OUT
RS-232 Transmitter Output
17
T1OUT
RS-232 Transmitter Output
18
R2IN
RS-232 Receiver Input
19
R1IN
RS-232 Receiver Input
20
ISOVCC
Internally Generated Isolated Power-Supply Voltage, Referenced to ISOCOM. Bypass ISOVCC to
ISOCOM with a 1µF capacitor.
21
C2+
Positive Terminal of the Power Isolation Capacitor. Connect a 100V capacitor from C2+ to C2-.
See Table 1 for values.
24
SHDN
Shutdown Control. Drive SHDN low to enter low-power shutdown mode. Drive SHDN high or connect
to VCC for normal operation.
25
FAULT
Overvoltage Indicator. Active low, open drain.
26
GND
Ground
27
C2-
Negative Terminal of the Power Isolation Capacitor. Connect a 100V capacitor from C2- to C2+.
See Table 1 for values.
28
VCC
3.0V to 5.5V Supply Voltage. Bypass VCC to GND with a 1µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com