Electronic Components Datasheet Search
  English  ▼

X  

MAX3250 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3250
Description  짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3250 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3250 Datasheet HTML 1Page - Maxim Integrated Products MAX3250 Datasheet HTML 2Page - Maxim Integrated Products MAX3250 Datasheet HTML 3Page - Maxim Integrated Products MAX3250 Datasheet HTML 4Page - Maxim Integrated Products MAX3250 Datasheet HTML 5Page - Maxim Integrated Products MAX3250 Datasheet HTML 6Page - Maxim Integrated Products MAX3250 Datasheet HTML 7Page - Maxim Integrated Products MAX3250 Datasheet HTML 8Page - Maxim Integrated Products MAX3250 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
±50V Isolated, 3.0V to 5.5V,
250kbps, 2 TX/2 RX, RS-232 Transceiver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, see Typical Operating Circuit and Table 1 for capacitor values, ISOCOM = GND, TA = TMIN to TMAX, unless oth-
erwise noted. Typical values are at VCC = 3.3V and TA = +25°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER INPUTS (relative to ISOCOM)
Input Voltage Range
-25
+25
V
VCC = 3.3V
1.2
0.6
Input Threshold Low
TA = +25°C
VCC = 5.0V
1.3
0.8
V
VCC = 3.3V
2.4
1.6
Input Threshold High
TA = +25°C
VCC = 5.0V
2.4
1.7
V
Input Hysteresis
0.5
V
Input Resistance
TA = +25°C
357
k
Ω
TRANSMITTER OUTPUTS (relative to ISOCOM)
Output Voltage Swing
All transmitter outputs loaded with 3k
Ω to ISOCOM
±5.0
±5.4
V
Output Resistance
ISOVCC = V+ = V- = 0V, T_OUT =
±2V
300
10M
Ω
Output Short-Circuit Current
-60
+60
mA
Output Leakage Current
VCC = 0 or 3V to 5.5V, T_OUT =
±12V, SHDN = GND
-25
+25
µA
TIMING CHARACTERISTICS
(VCC = 3.0V to 5.5V, see Typical Operating Circuit and Table 1 for capacitor values, ISOCOM = GND, TA = TMIN to TMAX, unless oth-
erwise noted. Typical values are at VCC = 3.3V and TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF to ISOCOM, one transmitter
250
kbps
Receiver Propagation Delay
R_IN to R_OUT, CL = 150pF to GND
0.4
µs
Receiver Skew
|tPHL - tPLH|
100
ns
Transmitter Skew
|tPHL - tPLH| (Note 3)
120
ns
CL = 150pF to 1000pF
to ISOCOM
630
Transition-Region Slew Rate
VCC = 3.3V, TA = +25°C,
RL = 3k
Ω to 7kΩ to ISOCOM,
measured from +3V to -3V or
-3V to +3V
CL = 150pF to 2500pF
to ISOCOM
430
V/µs
FAULT Propagation Delay
0.3
µs
Time to Shutdown
0.5
µs
VISOCOM = GND
300
Time to Exit Shutdown
VISOCOM =
±50V
350
µs
Note 2: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground, unless otherwise noted.
Note 3: Transmitter skew is measured at the transmitter zero crosspoints.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com