Electronic Components Datasheet Search
  English  ▼

X  

MAX3264 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3264
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3264 Datasheet HTML 9Page - Maxim Integrated Products MAX3264 Datasheet HTML 10Page - Maxim Integrated Products MAX3264 Datasheet HTML 11Page - Maxim Integrated Products MAX3264 Datasheet HTML 12Page - Maxim Integrated Products MAX3264 Datasheet HTML 13Page - Maxim Integrated Products MAX3264 Datasheet HTML 14Page - Maxim Integrated Products MAX3264 Datasheet HTML 15Page - Maxim Integrated Products MAX3264 Datasheet HTML 16Page - Maxim Integrated Products MAX3264 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
______________________________________________________________________________________
13
Applications Information
Optical Hysteresis
In an optical receiver, the electrical power change at
the limiting amplifier is 2x the optical power change.
As an example, if a receiver’s optical input power (x)
increases by a factor of two, and the preamplifier is lin-
ear, then the voltage input to the limiting amplifier also
increases by a factor of two.
The optical power change is 10log(2x / x) = 10log(2) =
+3dB.
At the limiting amplifier, the electrical power change is:
The MAX3264/MAX3265/MAX3268/MAX3269/MAX3765s’
typical voltage hysteresis is 4.4dB. This provides an opti-
cal hysteresis of 2.2dB.
GBIC Loss of Signal
In a GBIC application, the GBIC’s LOS output must be
high impedance when VCC_MODULE = GND. Figure 8
shows the recommended circuit to maintain high
impedance. ESD protection diodes on the MAX3264/
MAX3265/MAX3268/MAX3269/MAX3765/MAX3768
LOS outputs can be turned on when VCC_HOST >
VCC_MODULE.
PECL Terminations
The standard PECL termination (50
Ω to VCC - 2V) is
recommended for best performance and output char-
acteristics (see Figure 1). The data outputs operate at
high speed and should always drive transmission lines
with matched, balanced terminations.
Figure 9 shows an alternate method for terminating the
data outputs. The technique provides approximately
8mA DC bias current, with a 45
Ω AC load, for the out-
put termination. This technique is useful for viewing the
output on an oscilloscope or changing the PECL refer-
ence voltage.
Wire Bonding Dice
For high current density and reliable operation, the
MAX3264/MAX3265/MAX3268/MAX3269 use gold met-
alization. Make connections to the dice with gold wire
only, and use ballbonding techniques (wedge bonding
is not recommended). Die-pad size is 4-mils square,
with a 6-mil pitch. Die thickness is 15 mils (0.375mm).
10log
2V
/ R
V/ R
10log(2 )
20log(2)
6dB
IN
2
IN
IN
2
IN
2
()
==
= +
VCC_MODULE
GBIC MODULE
VCC_HOST
4.7k
Ω
HOST
LOS
GENERAL-
PURPOSE
NPN
MAX3264
MAX3265
MAX3268
MAX3269
MAX3765
MAX3768
Figure 8. Recommended GBIC LOS Circuit
470
Ω
DRIVING 50
Ω TO GROUND
470
Ω
50
Ω
50
Ω
OUT+
OUT-
MAX3268
MAX3269
MAX3768
Figure 9. Alternative PECL Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com