Electronic Components Datasheet Search
  English  ▼

X  

MAX3264 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3264
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3264 Datasheet HTML 2Page - Maxim Integrated Products MAX3264 Datasheet HTML 3Page - Maxim Integrated Products MAX3264 Datasheet HTML 4Page - Maxim Integrated Products MAX3264 Datasheet HTML 5Page - Maxim Integrated Products MAX3264 Datasheet HTML 6Page - Maxim Integrated Products MAX3264 Datasheet HTML 7Page - Maxim Integrated Products MAX3264 Datasheet HTML 8Page - Maxim Integrated Products MAX3264 Datasheet HTML 9Page - Maxim Integrated Products MAX3264 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
150mV/div
MAX3265/MAX3765
DATA OUTPUT EYE DIAGRAM
2.5Gbps (MAXIMUM INPUT)
100ps/div
0
25
15
20
10
5
100k
1M
10M
100M
1G
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1.0
3.5
3.0
2.5
1.5
2.0
4.0
0
0.5
1.0
1.5
2.0
3.0
OUTPUT VSWR vs. FREQUENCY
FREQUENCY (GHz)
2.5
0
10
5
20
15
35
30
25
40
010
5
1520253035
MAX3264
LOSS-OF-SIGNAL THRESHOLD vs. RTH
RTH (k
Ω)
0
50
40
30
10
20
60
010
20
30
515
25
MAX3265/MAX3765
LOSS-OF-SIGNAL THRESHOLD vs. RTH
RTH (k
Ω)
5
40
45
50
35
30
20
15
10
25
55
1M
100M
10G
10M
1G
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
MAX3268/MAX3768
MAX3265/MAX3765
150mV/div
MAX3264
DATA OUTPUT EYE DIAGRAM AT
1.25Gbps (MINIMUM INPUT)
200ps/div
50mV/div
MAX3264
DATA OUTPUT EYE DIAGRAM AT
1.25Gbps (MAXIMUM INPUT)
200ps/div
150mV/div
MAX3265/MAX3765
DATA OUTPUT EYE DIAGRAM
2.5Gbps (MINIMUM INPUT)
100ps/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com