Electronic Components Datasheet Search
  English  ▼

X  

MAX3264 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3264
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3264 Datasheet HTML 1Page - Maxim Integrated Products MAX3264 Datasheet HTML 2Page - Maxim Integrated Products MAX3264 Datasheet HTML 3Page - Maxim Integrated Products MAX3264 Datasheet HTML 4Page - Maxim Integrated Products MAX3264 Datasheet HTML 5Page - Maxim Integrated Products MAX3264 Datasheet HTML 6Page - Maxim Integrated Products MAX3264 Datasheet HTML 7Page - Maxim Integrated Products MAX3264 Datasheet HTML 8Page - Maxim Integrated Products MAX3264 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
_______________________________________________________________________________________
5
0
25
20
15
10
5
30
0
200
400
600
800
1000
1200
MAX3264/MAX3268/MAX3768
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mV)
0
14
12
10
8
6
2
4
16
0
1020304050
MAX3264/MAX3268/MAX3768
RANDOM JITTER
vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mV)
300
900
700
500
1300
1100
1500
1700
02468
10
12
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (mV)
MAX3264/MAX3268
MAX3265/MAX3269/MAX3765
3.5
4.0
6.5
6.0
5.5
5.0
4.5
0
10203040506070
MAX3264
LOS HYSTERESIS vs. TEMPERATURE
TEMPERATURE (°C)
RTH = 25k
Ω
RTH = 7k
Ω
0
25
20
15
10
5
30
0
200
400
600
800
1000
1200
MAX3265/MAX3269/MAX3765
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mV)
0
7
6
5
4
3
1
2
8
0
1020304050
MAX3265/MAX3269/MAX3765
RANDOM JITTER
vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mV)
VIN
VOUT
VLOS
LOSS OF SIGNAL WITH SQUELCH
500ns/div
300mV/div
200ps/div
MAX3268/MAX3768
DATA OUTPUT EYE DIAGRAM
(MINIMUM INPUT)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
3.5
4.0
6.5
6.0
5.5
5.0
4.5
-40
-15
10
35
60
85
MAX3265EUE
LOS HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
RTH = 4.6k
Ω
RTH = 16k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com