Electronic Components Datasheet Search
  English  ▼

X  

MAX3286 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3286
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3286 Datasheet HTML 1Page - Maxim Integrated Products MAX3286 Datasheet HTML 2Page - Maxim Integrated Products MAX3286 Datasheet HTML 3Page - Maxim Integrated Products MAX3286 Datasheet HTML 4Page - Maxim Integrated Products MAX3286 Datasheet HTML 5Page - Maxim Integrated Products MAX3286 Datasheet HTML 6Page - Maxim Integrated Products MAX3286 Datasheet HTML 7Page - Maxim Integrated Products MAX3286 Datasheet HTML 8Page - Maxim Integrated Products MAX3286 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = +3.3V, RTC = open and TA = +25°C;
see Figure 1a.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage at VCC ..........................................-0.5V to +7.0V
Voltage at EN, EN, PORDLY, FLTDLY, LV, IN+, IN-,
REF, POL, POL, MD, MON, BIASDRV,
MODSET, TC.......................................................-0.5V to (VCC + 0.5V)
Voltage at OUT+, OUT- .........................(VCC - 2V) to (VCC + 2V)
Current into FAULT, FAULT, POR, SHDNDRV....-1mA to +25mA
Current into OUT+, OUT- ....................................................60mA
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFP (derate 14.3mW/°C above +70°C).........1100mW
28-Pin QFN and 28-Pin Thin QFN
(derate 28.7mW/°C above +70°C) ..............................2300mW
16-Pin TSSOP (derate 27mW/°C above +70°C) .........2162mW
Operating Temperature Range...............................0°C to +70°C
Operating Junction Temperature Range ..............0°C to +150°C
Processing Temperature (die) .........................................+400°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
0 ≤ VPIN ≤ VCC
Total differential signal, peak-to-peak, Figure 1a
LV = open
Figure 1a, RMOD = 1.82kΩ
LV = GND
VMON = VCC
IREF ≤ 2mA, MON = VCC
FAULT = low, VBIASDRV ≥ 0.6V
Normal operation (FAULT = low)
EN = GND
IOH = -100µA
Common-cathode configuration
IOL = 1mA
APC loop is closed
CONDITIONS
VMD + 5%
VMD + 20%
MD High Fault Threshold
V
2.95
REF Fault Threshold
mV
150
POR Hysteresis
2.65
3.00
V
3.9
4.5
POR Threshold
µA
0.44
6
MON Input Current
µA
-2
+0.16
+2
MD Input Current
V
0.4
1.2
V
1.55
1.7
1.85
VMD
MD Nominal Voltage
µA
-100
+100
TTL Input Current
mV
200
1660
VID
mA
52
75
ICC
Supply Current
Data Input Voltage Swing
V
2.45
2.65
2.85
REF Voltage
mA
0.8
BIASDRV Current Sink
µA
-1
+1
BIASDRV Current, Shutdown
V
2
VIH
TTL Input High Voltage
V
0.8
VIL
TTL Input Low Voltage
V
2.4
VOH
FAULT, FAULT Output High
Voltage
V
0.4
VOL
FAULT, FAULT Output Low
Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Common-anode configuration
2VCC - 0.8
MD Voltage During Fault
VMD - 20%
VMD - 5%
MD Low Fault Threshold
MAX3286/MAX3288/MAX3296/MAX3298
mV
VCC -
VCC -
600
480
MON Fault Threshold
V
0.9
MODSET, TC Fault Threshold
FAULT = low, VBIASDRV ≤ VCC - 1V
0.8
BIASDRV Current Source
BIAS GENERATOR (Note 1)
POWER-ON RESET
FAULT DETECTION
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com