Electronic Components Datasheet Search
  English  ▼

X  

MAX3286 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3286
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3286 Datasheet HTML 17Page - Maxim Integrated Products MAX3286 Datasheet HTML 18Page - Maxim Integrated Products MAX3286 Datasheet HTML 19Page - Maxim Integrated Products MAX3286 Datasheet HTML 20Page - Maxim Integrated Products MAX3286 Datasheet HTML 21Page - Maxim Integrated Products MAX3286 Datasheet HTML 22Page - Maxim Integrated Products MAX3286 Datasheet HTML 23Page - Maxim Integrated Products MAX3286 Datasheet HTML 24Page - Maxim Integrated Products MAX3286 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
______________________________________________________________________________________
21
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND
TC
MODSET
VCC
OUT-
OUT+
VCC
BIASDRV
MON
MAX3288
MAX3298
TSSOP-EP*
FLTDLY
VCC
GND
IN+
IN-
REF
MD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND
TC
MODSET
VCC
OUT-
OUT+
VCC
BIASDRV
SHDNDRV
MAX3287
MAX3289
MAX3297
MAX3299
TSSOP-EP*
FLTDLY
VCC
GND
IN+
IN-
REF
MD
*EXPOSED PAD IS CONNECTED TO GND.
MAX3286
MAX3296
TQFP
32
28
29
30
31
25
26
27
10
13
15
14
16
11
12
9
17
18
19
20
21
22
23 SHDNDRV
24 BIASDRV
GND
MON
MD
N.C.
POL
POL
2
3
4
5
6
7
8
PORDLY
EN
GND
POR
FAULT
N.C.
1
FAULT
EN
15
16
17
18
19
20
21
POL
POL
MD
MON
GND
SHDNDRV
BIASDRV
7
6
5
4
3
2
1
PORDLY
EN
EN
GND
POR
FAULT
FAULT
MAX3286
MAX3296
QFN*
TOP VIEW
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com