Electronic Components Datasheet Search
  English  ▼

X  

MAX3286 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3286
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3286 Datasheet HTML 1Page - Maxim Integrated Products MAX3286 Datasheet HTML 2Page - Maxim Integrated Products MAX3286 Datasheet HTML 3Page - Maxim Integrated Products MAX3286 Datasheet HTML 4Page - Maxim Integrated Products MAX3286 Datasheet HTML 5Page - Maxim Integrated Products MAX3286 Datasheet HTML 6Page - Maxim Integrated Products MAX3286 Datasheet HTML 7Page - Maxim Integrated Products MAX3286 Datasheet HTML 8Page - Maxim Integrated Products MAX3286 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = +3.3V, RTC = open and TA = +25°C;
see Figure 1a.)
ISHDNDRV = 15mA, FAULT not asserted
ISHDNDRV = 10µA, FAULT asserted
MAX3296 series
MAX3286 series
ISHDNDRV = 1mA, FAULT not asserted
MAX3286 series
MAX3296 series
Tempco = max, RMOD = open; Figure 5
CONDITIONS
620
800
980
Differential Input Resistance
4000
Modulation-Current
Temperature Coefficient
0VCC - 1.2
VCC - 0.4
Voltage at SHDNDRV
15
200
Shutdown Modulation Current
24
28
RMS
Random Jitter (Note 3)
0VCC - 2.4
1.25
Data Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
2
Minimum Laser Modulation
Current
MAX3286 series
20% to 80%
Modulation-Current Edge
Speed
MAX3296 series
RMOD = 13kΩ
(IMOD = 5mA)
MAX3286 series
46
65
Deterministic Jitter (Note 2)
RMOD = 4.1kΩ
(IMOD = 15mA)
RMOD = 1.9kΩ
(IMOD = 30mA)
22
35
RMOD = 13kΩ
(IMOD = 5mA)
MAX3296 series
14
35
RMOD = 4.1kΩ
(IMOD = 15mA)
822
RMOD = 1.9kΩ
(IMOD = 30mA)
720
CPORDLY = 0.01µF,
MAX3286/MAX3296 only
3
5.5
(Note 4)
Glitch Rejection at MD
10
20
22
tFAULT
Fault Time
SHUTDOWN
LASER MODULATOR
50
Tempco = min, RTC = open; Figure 5
RMOD = 13kΩ (IMOD = 5mA)
-15
+15
Single ended
42
50
58
Output Resistance
LASER SAFETY CIRCUIT
PORDLY = open
0.3
1.25
tPORDLY
POR Delay
VCC - 0.3
Input Bias Voltage
RL ≤ 25Ω
30
Maximum Laser Modulation
Current
RMOD = 1.9kΩ (IMOD = 30mA)
-10
+10
Tolerance of Modulation Current
V
mA
mA
%
ps
ps
µA
ppm/°C
Ω
Ω
V
µs
ms
µs
µs
29
45
ps
90
150
130
220
2.5
Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com