Electronic Components Datasheet Search
  English  ▼

X  

MAX335ENG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX335ENG
Description  Serial Controlled, 8-Channel SPST Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335ENG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX335ENG Datasheet HTML 1Page - Maxim Integrated Products MAX335ENG Datasheet HTML 2Page - Maxim Integrated Products MAX335ENG Datasheet HTML 3Page - Maxim Integrated Products MAX335ENG Datasheet HTML 4Page - Maxim Integrated Products MAX335ENG Datasheet HTML 5Page - Maxim Integrated Products MAX335ENG Datasheet HTML 6Page - Maxim Integrated Products MAX335ENG Datasheet HTML 7Page - Maxim Integrated Products MAX335ENG Datasheet HTML 8Page - Maxim Integrated Products MAX335ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MAX335 analog switch with serial digital interface
offers eight separately controlled single-pole-single-
throw (SPST) switches. All switches conduct equally in
either direction, and on-resistance (100
Ω) is constant
over the analog signal range.
These CMOS switches can operate continuously with
power supplies ranging from ±4.5V to ±20V and handle
rail-to-rail analog signals. Upon power-up, all switches are
off, and the internal serial and parallel shift registers are
reset to zero. The MAX335 is equivalent to two DG211
quad switches but controlled by a serial interface.
The interface is compatible with the Motorola SPI inter-
face standard. Functioning as a shift register, this serial
interface allows data (at DIN) to be locked in synchro-
nous with the rising edge of clock (SCLK). The shift reg-
ister's output (DOUT) enables several MAX335s to be
daisy chained.
________________________Applications
Serial Data Acquisition and Process Control
Avionics
Signal Routing
Networking
____________________________Features
o 8 Separately Controlled SPST Switches
o SPI-Compatible Serial Interface
o Accepts ±15V Analog Swings
o Multiple Devices Can Be Daisy Chained
______________Ordering Information
Serial Controlled, 8-Channel SPST Switch
________________________________________________________________
Maxim Integrated Products
1
SCLK
V+
DIN
GND
NO0
COM0
NO1
COM1
NO2
COM2
NO3
COM3
DIP/SO
TOP VIEW
MAX335
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CS
VL
DOUT
V-
NO7
COM7
NO6
COM6
NO5
COM5
NO4
COM4
__________________Pin Configuration
19-0220; Rev 2; 7/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX335CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX335CWG
0°C to +70°C
24 Wide SO
MAX335C/D
0°C to +70°C
Dice*
MAX335ENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX335EWG
-40°C to +85°C
24 Wide SO
MAX335MRG
-55°C to +125°C
24 Narrow CERDIP**
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
SPI is a trademark of Motorola Corp.
LATCH
NO0
COM0
8-BIT SHIFT REGISTER
CLOCK TRANSLATOR
CS TRANSLATOR
+5V TRANSLATOR
DIN
VL
SCLK
CS
NO7
COM7
PARALLEL REGISTER AND TRANSLATOR
DOUT
MAX335
________________Functional Diagram


Similar Part No. - MAX335ENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335ENG MAXIM-MAX335ENG Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results

Similar Description - MAX335ENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
JSC ALFA.
AS16M1 ALFA-AS16M1 Datasheet
538Kb / 4P
Serial Controlled, 16-Channel SPCO Switch
logo
Maxim Integrated Produc...
MAX14724 MAXIM-MAX14724 Datasheet
1Mb / 25P
Serial-Controlled 8:4 Matrix Switch Multiplexer
19-7575; Rev 2; 9/15
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com