Electronic Components Datasheet Search
  English  ▼

X  

MAX335ENG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX335ENG
Description  Serial Controlled, 8-Channel SPST Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335ENG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX335ENG Datasheet HTML 2Page - Maxim Integrated Products MAX335ENG Datasheet HTML 3Page - Maxim Integrated Products MAX335ENG Datasheet HTML 4Page - Maxim Integrated Products MAX335ENG Datasheet HTML 5Page - Maxim Integrated Products MAX335ENG Datasheet HTML 6Page - Maxim Integrated Products MAX335ENG Datasheet HTML 7Page - Maxim Integrated Products MAX335ENG Datasheet HTML 8Page - Maxim Integrated Products MAX335ENG Datasheet HTML 9Page - Maxim Integrated Products MAX335ENG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
______________Detailed Description
Serial Digital Interface
Basic Operation
Refer to Figure 2. The MAX335 interface can be
thought of as an 8-bit shift register controlled by
CS.
While
CS is low, input data appearing at DIN is clocked
into the shift register synchronous with SCLK’s rising
edge. The data is an 8-bit word, each bit controlling
one of eight switches in the MAX335 (Table 1). DOUT is
the output of the shift register, with data appearing syn-
chronous with SCLK’s falling edge. Data at DOUT is
simply the input data delayed by eight clock cycles.
When shifting the input data, D7 is the first bit in and
out of the shift register. While shifting data, the switches
remain in their original configuration. When the 8 bits of
data have been shifted in,
CS is brought high. This
updates the new switch configuration and inhibits fur-
ther data from entering the shift register. Transitions at
DIN and SCLK have no effect when
CS is high, and
DOUT holds the last bit in the shift register.
The MAX335 three-wire serial interface is compatible
with the SPI™ and Microwire™ standards. If interfacing
with a Motorola processor serial interface, set CPOL = 0.
The MAX335 is considered a slave device (Figures 2
and 3). Upon power-up, the shift register contains all
zeros, and all switches are off.
The latch that drives the analog switch is only
updated on the rising edge of
CS when SCLK is low.
If SCLK is high when
CS rises, the latch will not be
updated until SCLK goes low. The CPOL = 1, CPHA = 1
SPI configuration does not update the latch correctly.
Daisy Chaining
For a simple interface using several MAX335s, “daisy
chain” the shift registers as shown in Figure 5. The
CS
pins of all devices are connected together, and a
stream of data is shifted through the MAX335s in
series. When
CS is brought high, all switches are
updated simultaneously. Additional shift registers may
be included anywhere in series with the MAX335 data
chain.
Addressable Serial Interface
When several serial devices are configured as slaves,
addressable by the processor, DIN pins of each
MAX335 are connected together (Figure 6). Address
decode logic individually controls
CS of each slave
device. When a slave is selected, its
CS is brought low,
data is shifted in, and
CS is brought high to latch the
data. Typically, only one slave is addressed at a time.
DOUT is not used.
Digital Feedthrough
Digital feedthrough energy measures 100nV-sec, which
means that with no filtering at the signal channel,
feedthrough from a sharply rising clock edge into an
unfiltered switch channel can be measured at 1Vp-p for
100ns. However, even 100pF capacitance in the switch
channel, when combined with the switch resistance,
yields a filter that reduces this transient to 10mVp-p
typical. To reduce digital feedthrough, hysteresis
(150mV typ) was added to the SCLK input so triangle
or sine waves may be used.
Serial Controlled, 8-Channel SPST Switch
6
_______________________________________________________________________________________
NAME
FUNCTION
1
SCLK
Serial Clock Input
2
V+
Positive Supply Voltage
PIN
_____________________Pin Description
3
DIN
Serial Data Input
4
GND
Ground
8
COM1
Switch 1
7
NO1
Switch 1
6
COMØ
Switch 0
5
NOØ
Switch 0
13
COM4
Switch 4
12
COM3
Switch 3
11
NO3
Switch 3
10
COM2
Switch 2
9
NO2
Switch 2
14
NO4
Switch 4
15
COM5
Switch 5
16
NO5
Switch 5
17
COM6
Switch 6
18
NO6
Switch 6
19
COM7
Switch 7
20
NO7
Switch 7
21
V-
Negative Supply Voltage
22
DOUT
Serial Data Output
23
VL
Logic Supply/Reset
24
C
—
S
–
Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com