Electronic Components Datasheet Search
  English  ▼

X  

MAX335ENG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX335ENG
Description  Serial Controlled, 8-Channel SPST Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335ENG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX335ENG Datasheet HTML 1Page - Maxim Integrated Products MAX335ENG Datasheet HTML 2Page - Maxim Integrated Products MAX335ENG Datasheet HTML 3Page - Maxim Integrated Products MAX335ENG Datasheet HTML 4Page - Maxim Integrated Products MAX335ENG Datasheet HTML 5Page - Maxim Integrated Products MAX335ENG Datasheet HTML 6Page - Maxim Integrated Products MAX335ENG Datasheet HTML 7Page - Maxim Integrated Products MAX335ENG Datasheet HTML 8Page - Maxim Integrated Products MAX335ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Serial Controlled, 8-Channel SPST Switch
_______________________________________________________________________________________
5
300
0
-20
20
RON vs. VCOM AND
POWER-SUPPLY VOLTAGE
50
250
VCOM (V)
10
150
100
-10
0
200
A: ±5V
B: ±10V
C: ±15V
D: ±20V
A
B
C
D
300
0
-20
20
RON vs. VCOM AND
TEMPERATURE
50
250
VCOM (V)
10
150
100
-10
0
200
A: TA = +25°C
B: TA = +85°C
C: TA = +125°C
C
B
A
600
0
020
tON, tOFF vs. VCOM
100
500
VCOM (V)
15
300
200
510
400
tON
tOFF
60
-60
±20
DATA-HOLD TIME vs.
POWER-SUPPLY VOLTAGE
-40
40
SUPPLY VOLTAGE (V)
±15
0
-20
±5
±10
20
105
-105
CHARGE INJECTION vs. VCOM
-70
70
VCOM (V)
20
0
-35
-20
0
35
-15
-10
-5
5
10
15
A: ±5V
B: ±15V
A
B
60
0
±20
DATA-SETUP TIME vs.
POWER SUPPLY
10
50
SUPPLY VOLTAGE (V)
±15
30
20
±5
±10
40
200
0.0002
LEAKAGE CURRENT vs.
TEMPERATURE
0.002
20
TEMPERATURE (
°C)
+125
0.2
0.02
-55
+25
2
ON
OFF
1000
0.001
SUPPLY vs. TEMPERATURE
0.01
100
TEMPERATURE (
°C)
+125
1
0.1
-55
+25
10
I+
IL
I-
60
0
MINIMUM SCLK PULSE WIDTH
vs. POWER SUPPLY
10
50
SUPPLY VOLTAGE (V)
±20
30
20
±5
±10
40
±15
__________________________________________Typical Operating Characteristics
(V+ = +15V, V- = -15V, VL= 5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com