Electronic Components Datasheet Search
  English  ▼

X  

MAX336C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX336C/D
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX336C/D Datasheet HTML 4Page - Maxim Integrated Products MAX336C/D Datasheet HTML 5Page - Maxim Integrated Products MAX336C/D Datasheet HTML 6Page - Maxim Integrated Products MAX336C/D Datasheet HTML 7Page - Maxim Integrated Products MAX336C/D Datasheet HTML 8Page - Maxim Integrated Products MAX336C/D Datasheet HTML 9Page - Maxim Integrated Products MAX336C/D Datasheet HTML 10Page - Maxim Integrated Products MAX336C/D Datasheet HTML 11Page - Maxim Integrated Products MAX336C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
8
_______________________________________________________________________________________
50%
tOPEN
tR < 20ns
tF < 20ns
VOUT
+3V
0V
LOGIC
INPUT
SWITCH
OUTPUT
+15V
VOUT
-15V
GND
V+
A0
V-
A2
A3
EN
NO1–NO16
COM
+5V
50
Ω
MAX336
1k
10pF
A1
80%
+2.4V
0V
∆VOUT
+3V
0V
ENABLE
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
A3
EN
COM
MAX336
CL = 100pF
VOUT
NO1–NO16
CHANNEL
SELECT
+2.4V
OR
+0.8V
RS
VS
ON
OFF
OFF
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
VCTE = CL = ∆VOUT
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 4. Break-Before-Make Interval
Figure 5. Charge Injection (VCTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com