Electronic Components Datasheet Search
  English  ▼

X  

MAX336C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX336C/D
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX336C/D Datasheet HTML 1Page - Maxim Integrated Products MAX336C/D Datasheet HTML 2Page - Maxim Integrated Products MAX336C/D Datasheet HTML 3Page - Maxim Integrated Products MAX336C/D Datasheet HTML 4Page - Maxim Integrated Products MAX336C/D Datasheet HTML 5Page - Maxim Integrated Products MAX336C/D Datasheet HTML 6Page - Maxim Integrated Products MAX336C/D Datasheet HTML 7Page - Maxim Integrated Products MAX336C/D Datasheet HTML 8Page - Maxim Integrated Products MAX336C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX336/MAX337 are monolithic, CMOS analog
multiplexers (muxes). The 16-channel MAX336 is
designed to connect one of 16 inputs to a common out-
put by control of a 4-bit binary address. The dual,
8-channel MAX337 is designed to connect one of eight
inputs to a common output by control of a 3-bit binary
address. Both devices can be used as either a mux or
a demux. On-resistance is 400
Ω (max), and the devices
conduct current equally well in both directions.
These muxes feature extremely low off leakages (less
than 20pA at +25°C) and on-channel leakages (less than
50pA at +25°C). The new design offers guaranteed low
charge injection (3.5pC typical) and electrostatic dis-
charge (ESD) protection greater than 2000V, per method
3015.7. These improved muxes are pin-compatible
upgrades for the industry-standard DG506 and DG507.
The MAX336/MAX337 operate from a single +4.5V to
+30V supply or from dual ±4.5V to ±20V supplies. All
control inputs (whether address or enable) are TTL
compatible (0.8V to 2.4V) over the full specified temper-
ature range and over the ±4.5V to ±18V supply range.
________________________Applications
Precision Data Acquisition
Precision Signal Routing
Test Equipment
____________________________Features
o <400
Ω (max) On-Resistance
o <500ns Transition Time
o <10
Ω On-Resistance Match
o <20pA NO-Off Leakage Current at +25°C
o 3.5pC Charge Injection
o +4.5V to +30V Single Supply
±4.5V to ±20V Dual Supplies
o Plug-In Upgrade for Industry-Standard
DG506/DG507
o Bidirectional Rail-to-Rail® Signal Handling
o TTL/CMOS-Logic Compatible
o >2000V ESD Protection, per Method 3015.7
______________Ordering Information
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-1193; Rev 0; 4/97
PART
MAX336CPI
MAX336CWI
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Plastic DIP
28 Wide SO
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
MAX336CAI
0°C to +70°C
28 SSOP
MAX336C/D
0°C to +70°C
Dice*
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
V+
2
3
4
5
6
7
8
9
10
11
12
13
14
COM
V-
NO8
NO7
NO6
NO5
A2
NO4
NO3
NO2
NO1
EN
A0
A1
A3
N.C.
GND
NO9
NO10
NO11
N.C. = NO INTERNAL CONNECTION
NO12
NO13
NO14
NO15
NO16
N.C.
N.C.
MAX336
DIP/SO/SSOP
TOP VIEW
CMOS DECODERS/DRIVERS
COM
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO8
NO9
NO10
NO11
NO12
NO13
NO14
NO15
NO16
A0
MAX336 16-CHANNEL SINGLE-ENDED MULTIPLEXER
A1
A2
A3
EN
V+
V-
GND
A3
A1
A0
EN
ON
SWITCH
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
A2
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MAX336
LOGIC “0” = VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
Continued at end of data sheet.


Similar Part No. - MAX336C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX336C/D MAXIM-MAX336C/D Datasheet
1Mb / 12P
16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
More results

Similar Description - MAX336C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
logo
Maxim Integrated Produc...
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com