Electronic Components Datasheet Search
  English  ▼

X  

MAX336C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX336C/D
Description  16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX336C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX336C/D Datasheet HTML 4Page - Maxim Integrated Products MAX336C/D Datasheet HTML 5Page - Maxim Integrated Products MAX336C/D Datasheet HTML 6Page - Maxim Integrated Products MAX336C/D Datasheet HTML 7Page - Maxim Integrated Products MAX336C/D Datasheet HTML 8Page - Maxim Integrated Products MAX336C/D Datasheet HTML 9Page - Maxim Integrated Products MAX336C/D Datasheet HTML 10Page - Maxim Integrated Products MAX336C/D Datasheet HTML 11Page - Maxim Integrated Products MAX336C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
16-Channel/Dual 8-Channel,
Low-Leakage, CMOS Analog Multiplexers
______________________________________________________________________________________
11
__Ordering Information (continued)
N.C
(COMB)
GND
A2
A1
A0
EN
A3
(N.C.)
0.139"
(3.53mm)
0.092"
(2.34mm)
V+
COM
(COMA)
V-
N09
(N01B)
N010
(N02B)
N011
(N03B)
N012
(N04B)
N013
(N05B)
N014
(N06B)
N015
(N07B)
N016
(N08B)
N08
(N08A)
N07
(N07A)
N06
(N06A)
N05
(N05A)
N04
(N04A)
N03
(N03A)
N02
(N02A)
N01
(N01A)
( ) ARE FOR MAX337
TRANSISTOR COUNT: 466
BACKSIDE IS V+
SUBSTRATE CONNECTED TO V+
28 Wide SO
0°C to +70°C
MAX337CWI
28 Plastic DIP
0°C to +70°C
MAX337CPI
28 Plastic DIP
-40°C to +85°C
MAX337EPI
Dice*
0°C to +70°C
MAX337C/D
28 SSOP
0°C to +70°C
MAX337CAI
28 Wide SO
-40°C to +85°C
MAX337EWI
28 SSOP
-40°C to +85°C
MAX337EAI
28 CERDIP**
-40°C to +85°C
MAX337EJI
28 CERDIP**
-55°C to +125°C
MAX337MJI
PART
TEMP. RANGE
PIN-PACKAGE
MAX336EPI
-40°C to +85°C
28 Plastic DIP
MAX336EWI
-40°C to +85°C
28 Wide SO
MAX336EAI
-40°C to +85°C
28 SSOP
28 CERDIP**
28 CERDIP**
-40°C to +85°C
-55°C to +125°C
MAX336MJI
MAX336EJI
___________________Chip Topography
* Contact factory for dice specifications.
** Contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com