Electronic Components Datasheet Search
  English  ▼

X  

MAX3480BCPI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3480BCPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480BCPI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3480BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX3480A/MAX3480B are electrically isolated,
RS-485/RS-422 data-communications interface solu-
tions. Transceivers, optocouplers, a power driver, and a
transformer are in one standard 28-pin DIP package.
Signals and power are internally transported across the
isolation barrier (Figure 1). Power is transferred from the
logic side (non-isolated side) to the isolated side of the
barrier through a center-tapped transformer. Signals
cross the barrier through high-speed optocouplers. A
single +3.3V supply on the logic side powers both
sides of the interface.
The MAX3480B features reduced-slew-rate drivers that
minimize EMI and reduce reflections caused by
improperly terminated cables, allowing error-free trans-
mission at data rates up to 250kbps. The MAX3480A’s
driver slew rates are not limited, allowing transmission
rates up to 2.5Mbps.
The frequency-select FS is connected to GND_ in normal
operation, which selects a switching frequency of
approximately 600kHz. Connect to high for a higher
900kHz switching frequency.
Drivers are short-circuit current limited and are protect-
ed against excessive power dissipation by thermal
Figure 1. Detailed Block Diagram
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
SHIELD (OPTIONAL)
EXTERNAL RS-485/RS-422 WIRING
ISO VCC1
B
D2
D1
D1, D2
1N914
VCC2
VCC1
ISO RO DRV
A
B
A
SH
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
GND2
DE
VCC4
DI
ISO COM2
ISO RO LED
VCC5
RO
RL
RL
R4
R5
R8
100
Ω
BOOSTED V+
C3
0.01uF
R6
200
Ω
R7
R1
R2
DI
´
DE
´
R3
RO
LOGIC
I/O
VIN
3.0V TO 3.6V
22µF
0.1µF
C1
C2
MAX3480A/B
LOGIC GROUND
ISOLATION BARRIER
ISOLATION COMMON
MAX485
MAX487
MAX845
1
2
28
27
3
4
5
6
7
8
9
10
11
12
13
14
26
25
24
23
22
21
20
19
18
17
16
15
MAX845
N
MAX3480A: MAX485
MAX3480B: MAX487
RE
ISO RO DRV
ISO DE IN
ISO DI IN
ISO COM1
ISO VCC1
A
B
R
D
N
Q
Q
TF/F
VCC3
FS
OSC
1.1MHz/
1.6MHz
SD
GND1
D2
D1
SHIELD (OPTIONAL)
NOTE: RESISTOR R8 PROTECTS THE
MAX3480 FROM TRANSIENT
CURRENTS BETWEEN SHIELD AND
“A” & “B”.
TWISTED PAIR
TO OTHER TRANSCEIVERS
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
TWISTED PAIR
TO OTHER TRANSCEIVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com