Electronic Components Datasheet Search
  English  ▼

X  

MAX3480BCPI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3480BCPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480BCPI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3480BCPI Datasheet HTML 1Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 2Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 3Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 4Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
_______________________________________________________________________________________
5
2.0
-40
20
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
-20
60
40
80
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
DI
´ = HIGH OR OPEN
RL = 54Ω
0
OUTPUT CURRENT
vs. DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-6
-4
-2
2
4
6
OUTPUT CURRENT
vs. DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
0
160
180
140
100
120
80
40
60
0
20
24
68
10
12
0
-40
20
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
-20
60
40
80
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
MEASURED AT ISO RO DRV
IRO = 8mA
3.00
-40
20
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
-20
60
40
80
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
MEASURED AT ISO RO DRV
IRO = 8mA
__________________________________________Typical Operating Characteristics
(VCC_ = 3.3V, TA = +25°C, unless otherwise noted.)
0
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
-5
MEASURED AT ISO RO DRV
1.0
0
3.0
2.0
5.0
4.0
-10
-15
-20
-25
-30
0
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
10
20
30
40
50
60
70
80
MEASURED AT ISO RO DRV
1.0
0
3.0
2.0
5.0
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com